Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6908-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F6908-S08-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F6908-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F6908-S08-R Datasheet HTML 1Page - Unisonic Technologies F6908-S08-R Datasheet HTML 2Page - Unisonic Technologies F6908-S08-R Datasheet HTML 3Page - Unisonic Technologies F6908-S08-R Datasheet HTML 4Page - Unisonic Technologies F6908-S08-R Datasheet HTML 5Page - Unisonic Technologies F6908-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO.,
F6908
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R109-016.B
SINGLE-PHASE FULL-WAVE
MOTOR DRIVER FOR FAN
MOTOR
DESCRIPTION
UTC F6908 is a single-phase full-wave motor driver for fan
motor suitable for 5V and 12V openations.
FEATURES
* Soft switching drive for low noise
* Lock detection and automatic restart function
* Thermal shut-down protection
SOP-8
*Pb-free plating product number: F6908L
PIN DESCRIPTION
PIN
NO.
PIN
NAME
FUNCTION
1
OUT2 Output 2
2
HO
Hall signal output pin
3
LD
Capacitor terminal for Lock
detection, Auto restart
4
VCC
Power supply pin
5
H+
Hall signal input pin +
6
H-
Hall signal input pin -
7
OUT1 Output 1
8
GND
GROUND
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
F6908-S08-R
F6908L-S08-R
SOP-8
Tape Reel
F6908-S08-T
F6908L-S08-T
SOP-8
Tube


Similar Part No. - F6908-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F6908 UTC-F6908 Datasheet
210Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
F6908G-S08-R UTC-F6908G-S08-R Datasheet
210Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
F6908G-S08-R UTC-F6908G-S08-R Datasheet
255Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
F6908G-SH2-R UTC-F6908G-SH2-R Datasheet
210Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
F6908G-SH2-R UTC-F6908G-SH2-R Datasheet
255Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
More results

Similar Description - F6908-S08-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Rohm
BA6908F ROHM-BA6908F_2 Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Anpec Electronics Corop...
APX9203 ANPEC-APX9203 Datasheet
317Kb / 28P
Single-Phase Full-Wave Motor Driver for Fan Motor
APX9766 ANPEC-APX9766 Datasheet
189Kb / 12P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com