Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6908L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # F6908L-S08-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F6908L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  F6908L-S08-R Datasheet HTML 1Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 2Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 3Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 4Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 5Page - Unisonic Technologies F6908L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
F6908
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R109-016.B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
15
V
Output Voltage
VOUT
15
V
Hall Signal Output Voltage
VHO
15
V
Output Current
IOUT
0.7*
A
Hall Signal Output Current
IHO
15
mA
Power Dissipation
PD
680 **
mW
Operating Temperature
TOPR
-40 ~ +100
℃
Junction Temperature
TJ
+125
℃
Storage Temperature
TSTG
-40 ~ +150
℃
* This value is not to be over PD and ASO.
** To use at temperature above Ta = 25℃ reduce 5.5 mW/℃.(On 70.0mm×70.0mm×1.6mm glass epoxy board)
The device is guaranteed to meet performance specification within 0℃ ~ 70℃ operating temperature range and
assured by design from –40℃ ~ 100℃, characteristic and correlation with static process control.
RECOMMENDED OPERATING CONDITIONS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
3 ~ 14
V
ELECTRICAL CHARACTERISTICS (Unless otherwise specified Ta = 25℃, Vcc = 5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clamp Voltage of Capacitor for
Lock Detection
VLDCL
1.14
1.80
2.47
V
Reference Voltage of Capacitor
for Lock Detection
VLDCP
0.47
0.76
1.06
V
Output Voltage L
VOL
IOUT=200mA
0.2
0.3
V
Output Voltage H
VOH
IOUT=200mA
3.9
4.1
V
“HO” Terminal Voltage L
VHOL
IHO=5mA
0.3
0.5
V
Supply Current
Icc
At output: OFF
1.5
3.4
8.7
mA
Charge Current of Capacitor for
Lock Detection
ILDC
VLD=1.1V
1.50
2.75
4.50
µA
Discharge Current of Capacitor
for Lock Detection
ILDD
VLD=1.1V
0.24
0.48
0.90
µA
“HO” Terminal Leak Current
IHOL
VHO=15V
0
50
µA
Charge-Discharge Current Ratio
of Capacitor for Lock Detection
RCD
rCD=ILDC/ILDD
4.2
5.7
9.5
Hall Input Offset Voltage
HOFS
-10
10
mV
Hall Input-Output Gain
GHO
320
500
680
Thermal Shutdown
140
℃
TSD Hysteresis
TSD
25
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com