Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST5401 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MMST5401
Description  SOT-323 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MMST5401 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MMST5401 Datasheet HTML 1Page - Nanjing International Group Co MMST5401 Datasheet HTML 2Page - Nanjing International Group Co MMST5401 Datasheet HTML 3Page - Nanjing International Group Co MMST5401 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-1
-10
-100
-200
-400
-600
-800
-1000
-1
-10
1
10
100
1000
-200
-400
-600
-800
-1000
-1200
-0.1
-1
-10
-100
-1
-10
-100
-0.01
-0.1
-1
-10
-100
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.1
-1
-10
1
10
100
-1
-10
-100
0
50
100
150
200
250
300
350
400
-0
-1
-2
-3
-4
-5
-6
-7
-8
-0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
V
BE
-200
β=10
I
C
V
BEsat
——
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
I
C
f
T
——
COMMON EMITTER
V
CE
= -10V
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
I
C
——
COMMON EMITTER
V
CE
=-5V
T
a
=100℃
T
a
=25℃
-200
BASE-EMMITER VOLTAGE V
BE
(mV)
-200
β=10
T
a
=100℃
T
a
=25℃
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
℃
-70
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
-35
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
-0.4
-600
COMMON EMITTER
V
CE
=-5V
I
C
h
FE
——
T
a
=25℃
T
a
=100℃
COLLECTOR CURRENT
I
C
(mA)
Static Characteristic
COMMON EMITTER
T
a
=25℃
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
B
=-0.01mA
-0.1mA
-0.09mA
-0.08mA
-0.07mA
-0.06mA
-0.05mA
-0.04mA
-0.03mA
-0.02mA
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com