Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2131114220 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2131114220
Description  IMPULSE 4X16 CABLE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2131114220 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2131114220 Datasheet HTML 1Page - Molex Electronics Ltd. 2131114220 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FORMAT: tb-prod-B
REVISION: J
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2023/02/06
18:20:51
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
IMPULSE 4X16 CABLE ASSEMBLY
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
2131114201
PSD 000
A1
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 2
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 737565
DRWN: HROBERT
2023/02/06
CHK'D: TLAWRENCE
2023/02/06
APPR: TLAWRENCE
2023/02/06
INITIAL REVISION:
DRWN: TLAWRENCE
2020/07/06
APPR: SMILLER
2020/07/13
THIRD ANGLE PROJECTION
DRAWING
SERIES
B-SIZE 213111
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIVISIONAL
SYMBOLS
L ±10.0
P1
P2
NOTES:
1. MATERIALS:
HOUSING: LIQUID CRYSTAL POLYMER 94V-0, COLOR BLACK
OVERMOLD: LIQUID CRYSTAL POLYMER 94V-0, COLOR BLACK
CONTACT MATERIAL: COPPER ALLOY
2. PLATING:
HOUSING: NICKEL OVER COPPER
CONTACTS: GOLD OVER NICKEL
3. CABLE: 30AWG 90 OHM DUAL DRAIN
4. MATES WITH RAF PN 173540-6016
5. RoHS COMPLIANT, NO EXEMPTIONS
6. SERIAL NO. AND BARCODE DEFINITION IS AS FOLLOWS:
YY = YEAR
DDD = DAY
L = LOCATION (1 =USA, 2 = MEXICO, 3 = CHINA)
SSSS = SERIAL NO. FROM 0000 - 9999 AND WILL RESET EVERYDAY
MOLEX MATERIAL NO.
L (MM)
2131114205
200
2131114210
300
2131114220
500
2131114230
750
2131114240
1000
FORMAT: YY DDD L SSS
LASER MARKED AS SHOWN
(SEE NOTE 6)
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
7
8
8
9
9
10
10
OPPOSITE SIDE OF P1 HOUSING SHOWN
FOR SERIAL NO. AND BARCODE LASER
MARKING DETAIL
REF
10.23
REF
17.72
REF
10.23
REF
17.72
REF
38.29
REF
38.29
REF
24.02
REF
29.02
MOLEX MATERIAL NUMBER
LASER MARKED AS SHOWN
H
G
F
E
D
C
B
A
A B
CD
E
F
GH


Similar Part No. - 2131114220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2131 ETC2-2131 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2131 ETC2-2131 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
3M Electronics
2131 3M-2131 Datasheet
39Kb / 4P
3M??Scotchcast??Flame-Retardant Electrical Insulating Resin 2131
logo
Heyco.
2131 HEYCO-2131 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Belden Inc.
2131 BELDEN-2131 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results

Similar Description - 2131114220

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RI80-1 TOKEN-RI80-1 Datasheet
473Kb / 4P
RI80 Metal Glaze Impulse Resistors
logo
Tyco Electronics
S89R MACOM-S89R Datasheet
82Kb / 2P
Low cost, bistable impulse relay.
logo
WAGO Kontakttechnik Gmb...
750-635 WAGO-750-635 Datasheet
426Kb / 11P
Digital impulse interface
logo
Weidmuller
1562150000 WEIDMULLER-1562150000 Datasheet
1Mb / 8P
WPD 204 2X25/4X166X10 2XGY
1562090000 WEIDMULLER-1562090000 Datasheet
1Mb / 6P
WPD 109 1X185/2X353X254X16 GY
2518330000 WEIDMULLER-2518330000 Datasheet
1Mb / 8P
WPD 204 2X25/4X166X10 2XBL
2725390000 WEIDMULLER-2725390000 Datasheet
1Mb / 8P
WPD 204 2X25/4X166X10 2XBK
2725380000 WEIDMULLER-2725380000 Datasheet
1Mb / 6P
WPD 108 1X120/2X353X254X16 BK
2725290000 WEIDMULLER-2725290000 Datasheet
1Mb / 8P
WPD 204 2X25/4X166X10 2XRD
2725280000 WEIDMULLER-2725280000 Datasheet
1Mb / 6P
WPD 108 1X120/2X353X254X16 RD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com