Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1020-Y-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1020-Y-AB3-R
Description  SILICON PNP EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1020-Y-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1020-Y-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1020-Y-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1020-Y-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SA1020-Y-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA1020
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R211-007,B
SILICON PNP EPITAXIAL
TRANSISTOR
DESCRIPTION
The UTC 2SA1020 is designed for power amplifier and power
switching applications.
FEATURES
*Low collector saturation voltage:
VCE(SAT)=-0.5V(max.)
(IC=-1A)
*High speed switching time: tSTG=1.0µs(Typ.)
*Complement to UTC 2SC2655
1
SOT-89
TO-92NL
1
*Pb-free plating product number:2SA1020L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SA1020-x-AB3-R
2SA1020L-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SA1020-x-T9N-B
2SA1020L-x-T9N-B
TO-92NL
E
C
B
Tape Box
2SA1020-x-T9N-K
2SA1020L-x-T9N-K
TO-92NL
E
C
B
Bulk
2SA1020L-x-AB3-R
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AB3: SOT-89, T9N: TO-92NL
(3) x: refer to Classification of hFE1
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2SA1020-Y-AB3-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1020-Y TOSHIBA-2SA1020-Y Datasheet
193Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
More results

Similar Description - 2SA1020-Y-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com