Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS751 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # MPS751
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MPS751 Datasheet(HTML) 2 Page - Nanjing International Group Co

  MPS751 Datasheet HTML 1Page - Nanjing International Group Co MPS751 Datasheet HTML 2Page - Nanjing International Group Co MPS751 Datasheet HTML 3Page - Nanjing International Group Co MPS751 Datasheet HTML 4Page - Nanjing International Group Co MPS751 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA,IE=0
-80
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=-10mA,IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-80V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-0.1
μA
hFE(1)
*
VCE=-2V,IC=-50mA
75
hFE(2)
*
VCE=-2V,IC=-500mA
75
hFE(3)
*
VCE=-2V,IC=-1A
75
DC current gain
hFE(4)
*
VCE=-2V,IC=-2A
40
Collector-emitter saturation voltage
VCE(sat)
*
IC=-2A,IB=-200mA
IC=-1A,IB=-100mA
-0.5
-0.3
V
Base -emitter saturation voltage
VBE(sat)
*
IC=-1A,IB=-100mA
-1.2
V
Base -emitter on voltage
VBE(on)
*
VCE=-2V,IC=-1A
-1
V
Transition frequency
fT
VCE=-5V,IC=-50mA,f=100MHz
75
MHz
*
Pulse Test: Pulse Width<= 300us, Duty Cycle = 2.0%.
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com