Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8050 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SS8050
Description  SOT-323 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS8050 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SS8050 Datasheet HTML 1Page - Nanjing International Group Co SS8050 Datasheet HTML 2Page - Nanjing International Group Co SS8050 Datasheet HTML 3Page - Nanjing International Group Co SS8050 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
200
300
400
500
600
700
800
900
1000
1
10
100
1000
110
100
1
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
300
1
10
100
1000
100
1000
0.1
1
10
1
10
100
1
10
100
1000
10
100
1000
0.0
0.5
1.0
1.5
2.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
1
10
100
1000
1
10
100
1000
V
CE
=1V
BASE-EMMITER VOLTAGE
V
BE
(mV)
I
C
V
BE
——
Ta=100℃
Ta=25℃
I
C
f
T
——
COLLECTOR CURRENT
I
C
(mA)
V
CE
=10V
Ta=25℃
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
COLLECTOR CURRENT
I
C
(mA)
I
C
V
BEsat
——
β=10
Ta=100℃
Ta=25℃
2000
1500
Cob
Cib
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
f=1MHz
I
E
=0/I
C
=0
Ta=25℃
200
20
COLLECTOR CURRENT
I
C
(mA)
Ta=100℃
Ta=25℃
V
CE
=1V
I
C
h
FE
——
1500
1000uA
900uA
800uA
700uA
600uA
500uA
400uA
300uA
200uA
I
B
=100uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
COMMON
EMITTER
Ta=25℃
1500
β=10
Ta=100℃
Ta=25℃
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
1500
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com