Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8550 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SS8550
Description  SOT-323 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS8550 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SS8550 Datasheet HTML 1Page - Nanjing International Group Co SS8550 Datasheet HTML 2Page - Nanjing International Group Co SS8550 Datasheet HTML 3Page - Nanjing International Group Co SS8550 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-1
-10
-100
-1000
-1
-10
-100
-1000
-1
-10
-100
-1000
-100
-1000
-0.0
-0.5
-1.0
-1.5
-2.0
-0.00
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
-0.40
-200
-400
-600
-800
-1000
-1200
-1
-10
-100
-1000
-1
-10
-100
-1000
10
100
1000
-0.1
-1
-10
1
10
100
-1
-10
-100
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
-1500
Ta=100℃
Ta=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
-300
I
C
V
BEsat
——
Ta=25℃
Ta=100℃
-1500
β=10
COLLECTOR CURRENT
I
C
(mA)
-2000
COMMON
EMITTER
Ta=25℃
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
-2mA
-1.8mA
-1.6mA
-1.4mA
-1.2mA
-1mA
-800uA
-600uA
-400uA
I
B
=-200uA
I
C
V
BE
——
Ta=100℃
Ta=25℃
V
CE
=-1V
BASE-EMMITER VOLTAGE
V
BE
(mV)
-1500
COLLECTOR CURRENT
I
C
(mA)
Ta=100℃
Ta=25℃
V
CE
=-1V
I
C
h
FE
——
-1500
Cob
Cib
V
CB
/ V
EB
C
ob
/ C
ib
——
REVERSE VOLTAGE
V
(V)
f=1MHz
I
E
=0/I
C
=0
Ta=25℃
-20
I
C
f
T
——
V
CE
=-10V
Ta=25℃
COLLECTOR CURRENT
I
C
(mA)
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com