Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1132-R-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SB1132-R-AB3-R
Description  MEDIUM POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1132-R-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SB1132-R-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB1132-R-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB1132-R-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SB1132-R-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB1132
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R208-016,B
TYPICAL CHARACTERISTICS
0
-0.2
-500
-1
Base to Emitter Voltage, VBE(V)
Grounded Emitter Propagation
Characteristics
-200
-1
-2
-5 -10 -20
200
50
Collector Current, Ic(mA)
DC Current Gain vs. Collector Current(Ⅰ)
100
-0.4 -0.6 -0.8
-1.6
-1.4
-1.2
-1.0
-2
-5
-10
VCE =-6V
Ta=100℃
Ta=25℃
Ta= -55℃
0
-500
0
Collector to Emitter Voltage, VCE(V)
Grounded Emitter Output
Characteristics
-100
-0.4
-0.8
-1.6
-2.0
-1.2
-200
-300
-400
-2.0
IB =0mA
Ta=25℃
-2.5
-1.5
-1.0
-0.5
-3.0
-3.5
-4.0
-4.5
-5.0
-50-100-200-500-1000
500
1000
Ta=25℃
VcE= -3V
VcE= -1V
-1
-2
-5 -10 -20
200
50
Collector Current :Ic(mA)
DC Current Gain vs.Collector Current (Ⅱ)
100
-50-100-200-500-1000
500
1000
VcE= -3V
Ta=100℃
Ta=25℃
Ta= -55℃
-1 -2
-5 -10-20
-0.05
-0.01
Collector Current, Ic(mA)
Collector-emitter Saturation Voltage vs.
Collector Current
-0.02
-50-100-200-500-1000
-0.1
-0.2
-2000
-0.5
-1
Ta=25℃
IC/IB=10
-1
-1.0
0
Base Current, IB(mA)
Collector Emitter Saturation Voltage vs.
Base Current
-0.2
-2
-5
-20
-50
-10
-0.4
-0.6
-0.8
-100
Ta=25℃
IC = -500mA
IC = -300mA
-20
-50
-100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com