Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB857-B-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SB857-B-TN3-R
Description  SILICON PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB857-B-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SB857-B-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB857-B-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB857-B-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SB857-B-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB857
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R217-206,C
TYPICAL CHARACTERISTICS
1000
110
100
100
hFE vs. Collector Current
Collector Current(mA)
1
10
1000
10000
10000
110
1000
100
Saturation Voltage vs. Collector Current
Collector Current(mA)
10
100
1000
10000
hFE @ VCE=4V
VBE(SAT) @ IC=10IB
VBE (SAT) @ IC=10IB
10000
110
1000
100
On Voltage vs. Collector Current
Collector Current(mA)
100
1000
10000
1000
1
100
10
Capacitance vs. Reverse-Biased Voltage
Reverse-Biased Voltage (V)
10
100
VBE(ON) @ VCE=4V
Cob
Safe Operating Area
Forward Voltage, VCE (V)
10
110
1
100
0.1
1000
PT=1ms
PT=100ms
PT=1s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com