Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB857-C-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB857-C-TN3-R
Description  SILICON PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB857-C-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB857-C-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SB857-C-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SB857-C-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SB857-C-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB857
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R217-206,C
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltages
VCBO
-130
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-4
A
Collector Current (IC Peak)
IC(PEAK)
-8
A
TO-126C
1.5
W
Total Power Dissipation
TO-252
PD
1.9
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-10µA, IE=0
-130
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-50mA, IB=0
-100
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-10µA, IC=0
-5
V
Collector-Emitter Saturation Voltage
*VCE(SAT) IC=-2A, IB=-0.2A
-1
V
Base-Emitter Saturation Voltage
*VBE(ON) VCE=-4V, IC=-1A
-1
V
Collector Cut-off Current
ICBO
VCB=-130V, IC=0
-1
µA
*hFE1
VCE=-4V, IC=-0.1A
35
DC Current Gain
*hFE2
VCE=-4V, IC=-1A
60
320
Transition Frequency
fT
VCE=-4V, IC=-500mA, f=100MHz
15
MHz
Note *Pulse Test: Pulse Width
380
≦
µS, Duty Cycle
2%.
≦
CLASSIFICATION OF hFE2
CLASSIFICATION
B
C
D
RANGE
60 ~ 120
100 ~ 200
160 ~ 320



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com