Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC1815
Description  AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC1815 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC1815_05 Datasheet HTML 1Page - Unisonic Technologies 2SC1815_05 Datasheet HTML 2Page - Unisonic Technologies 2SC1815_05 Datasheet HTML 3Page - Unisonic Technologies 2SC1815_05 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC1815
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-006,D
TYPICAL CHARACTERISTICS
Fig.1 Static characteristics
Collector-Emitter Voltage (V)
04
8
12
16
20
0
20
40
60
80
100
Fig.2 DC current Gain
IB=300µA
IB=250µA
IB=200µA
IB=150µA
IB=100µA
IB=50µA
Collector Current, IC (mA)
VCE=6V
10
0
10
1
102
10
3
10
-1
10
0
10
1
10
2
10
3
Fig.3 Base-Emitter on Voltage
Base-Emitter Voltage (V)
00.2
0.4
0.6
0.8
1.0
VCE=6V
Collector Current, IC (mA)
10
-1
10
0
10
1
10
2
10
3
10
1
10
2
10
3
104
Fig.4 Saturation Voltage
10
-1
100
10
1
10
2
IC=10*IB
VBE(SAT)
VCE(SAT)
Fig.5 Current Gain-Bandwidth
Product
Fig.6 Collector Output Capacitance
Collector-Base Voltage (V)
Collector Current, IC (mA)
VCE=6V
10
-1
10
0
10
1
10
2
10
0
101
10
2
10
3
f=1MHz
IE=0
100
101
102
103
10-1
10
0
10
1
102



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com