Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01GEEW3E-R Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 01GEEW3E-R
Description  HIGH PERFORMANCE IEC CONNECTOR FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

01GEEW3E-R Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  01GEEW3E-R Datasheet HTML 1Page - Delta Electronics, Inc. 01GEEW3E-R Datasheet HTML 2Page - Delta Electronics, Inc. 01GEEW3E-R Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2-6
INCH
UNIT:
mm
EW3J
HG3J
30.0
1.18
24.0
0.94
22.0
0.87
2.0
0.08
3.6 0.2
0.142 0.007
(MOUNTING FROM BEHIND)
SUGGESTED MOUNTING CUTOUT
R0.236(4X)
R6.0(4X)
30.5 0.1
40.0 0.1
1.575 0.004
1.2 0.004
3.0
0.12
0.42
3.5
0.14
10.6
11.15
0.44
22.3
0.88
1.56
39.5
0.130
3.3
6.0
0.24
45.0
1.77
42.3
1.67
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
1.12 -0
R0.12
R3.0
28.45
+0.02
40.01
M3
1.575 0.005
MECHANICAL CONSTRUCTION
EW3ES
20GEEG3E (Optional wire type)
M3
1.575 0.005
R0.12
-0
+0.02
1.12
SUGGESTED MOUNTING CUTOUT
1.575 0.02
1.99 MAX.
0.13(2X)
5
2
1
50.5 MAX.
40.0 10.5
3.3
40.0 10.13
28.45
+0.5
-0
R3.0
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM REVERSE)
R0.157 MAX.
34.5-0
+0.5
M3
0.138
0.248X0.031
3.19 MAX.
2.60 MAX.
1.654 0.004
1.18
0.138
66.0 MAX.
6.3X0.8
81.0 MAX.
3.5
30.0
3.5
42.0 0.1
R4.0 MAX.
1.358-0
+0.02
ALL WIRE LEADS 4.0" LONG MIN.
PCB
PANEL
ASSEMBLY FROM FRONT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com