Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3838-D-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3838-D-AE3-R
Description  HIGH-FREQUENCY AMPLIFIER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3838-D-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3838-D-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC3838-D-AE3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SC3838
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R220-018,B
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
11
V
Emitter-Base Voltage
VEBO
3
V
Collector current
IC
50
mA
Collector power dissipation
PD
0.2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-base breakdown voltage
BVCBO IC=10µA
20
V
Collector-emitter breakdown voltage
BVCEO IC=1mA
11
V
Emitter-base breakdown voltage
BVEBO IE=10µA
3
V
Collector cutoff current
ICBO
VCB=10V
0.5
µA
Emitter cutoff current
IEBO
VEB=2V
0.5
µA
Collector-emitter saturation voltage
VCE(SAT) IC =10mA, IB= 5mA
0.5
V
DC current transfer ratio
hFE
VCE=10V, IC =5mA
56
400
Transition frequency
fT
VCE=10V, IE=10mA, f=500MHz
1.4
3.2
GHz
Output capacitance
Cob
VCB=10V, IE=0A, f=1MHz
0.8
1.5
pF
Collector-base time constant
rbb’·Cc VCB=10V, IC=10mA, f=31.8MHz
4
12
ps
Noise factor
NF
VCE=6V, IC=2mA, f=500MHz, Rg=50Ω
3.5
dB
CLASSIFICATION of hFE
RANK
A
B
C
D
RANGE
56 ~ 110
100 ~ 170
120 ~ 270
250 ~ 400
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com