Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4774 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC4774
Description  HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4774 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC4774 Datasheet HTML 1Page - Unisonic Technologies 2SC4774 Datasheet HTML 2Page - Unisonic Technologies 2SC4774 Datasheet HTML 3Page - Unisonic Technologies 2SC4774 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC4774
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R220-017,A
TYPICAL CHARACTERISTIC(Cont.)
0.1
0.2
20
1
Collector Output Capacitance vs. Voltage
Collector to Base Voltage, VCB (V)
1
Ta=25℃
f=1MHz
10
5
2
0.2
0.5
2
5
10 20
50
0.5
0.1
0.2
20
1
Back Capacitance Voltage
Collector to Base Voltage, VCB (V)
1
Ta=25℃
f=1MHz
10
5
2
0.2
0.5
2
5
1020
50
0.5
0.1
50
5
Output-on Resistance vs. Base Current
Bass Current, IB (mA)
1
0.2 0.5
2
5
10 20
50
20
10
2
1
Ta=25℃
f=500kHz
VIN =100mVrms
RL=1KΩ
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com