Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5027E Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC5027E
Description  HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5027E Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5027E Datasheet HTML 1Page - Unisonic Technologies 2SC5027E Datasheet HTML 2Page - Unisonic Technologies 2SC5027E Datasheet HTML 3Page - Unisonic Technologies 2SC5027E Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5027E
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-030,B
ABSOLUATE MAXIUM RATINGS (Tc = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
750
V
Collector-Emitter Voltage
VCEO
700
V
Collector-Emitter Voltage
VEBO
7
V
Peak Collector Current
IC
3
A
Collector Current (Pulse)
ICP
10
A
Base Current
IB
1.5
A
Power Dissipation
PD
50
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
C= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
750
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5mA, IB=0
700
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
7
V
Collector-Emitter sustaining Voltage
VCEO(SUS)
IC=1.5A, IB1= -IB2=0.3A
L=2mH, Clamped
700
V
Collector Cut-off Current
ICBO
VCB=750V, IE=0
10
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
10
μA
hFE1
VCE=5V, IC=0.2A
10
40
DC Current Gain
hFE 2
VCE=5V, IC=1A
8
Collector-Emitter Saturation Voltage
VCE (SAT)
IC=1.5A, IB=0.3A
2
V
Base-Emitter Saturation Voltage
VBE (SAT)
IC=1.5A, IB=0.3A
1.5
V
Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
60
pF
Current Gain Bandwidth Product
fT
VCE=10V, IC=0.2A
15
MHz
Turn ON Time
tON
0.5
μs
Storage Time
tS
3
μs
Fall Time
tF
VCC=400V
IC=5IB1= -2.5IB2=2A
RL=200Ω
0.3
μs
CLASSIFICATION of hFE1
CLASSIFICATION
N
R
O
RANGE
10 ~ 20
15 ~ 30
20 ~ 40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com