Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC5200
Description  POWER AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5200 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5200 Datasheet HTML 1Page - Unisonic Technologies 2SC5200 Datasheet HTML 2Page - Unisonic Technologies 2SC5200 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC 2SC5200 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R214-005,A
TYPICAL CHARACTERISTICS
0
10
-4
0
20
-16
-20
8
-8
-12
2
4
6
COLLECTOR-EMITTER VOLTAGE, V CE (V)
IC - VCE
IB = 10mA
COMMON EMITTER
TC =25℃
30
40
50
100
150
200
250
400
600
800
0
2.0
-4
0
-25
-16
-20
1.6
-8
-12
0.4
0.8
1.2
BASE-EMITTER VOLTAGE, VBE (V)
COMMON EMITTER
VCE = 5V
TC =100℃
25
300
IC - VBE
0.01
100
1
3
10
0.1
0.3
0.1
1
COLLECTOR CURRENT, IC (A)
VCE(sat) - IC
25
0.03
0.01
-25
TC =100℃
COMMON EMITTER
IC / IB = 10
0.01
100
100
300
10
10
30
0.1
1
COLLECTOR CURRENT, IC (A)
hFE - IC
25
3
1
-25
TC =100℃
COMMON EMITTER
IC / IB = 10
3
1000
10
30
300
3
5
10
100
COLLECTOR-EMITTER VOLTAGE, VCE (V)
SAFE OPERATING AREA
DC OPERATION
TC =25℃
30
50
0.3
0.5
0.05
0.1
1
0.03
VCEO MAX.
100ms※
10ms※
1ms※
IC MAX. (PULSED)※
SINGLE NONREPETITIVE
PULSE TC = 25℃
CURVES MUST BE
DERATED LINEARLY
WITH INCREASE IN
TEMPERATURE.
IC MAX.
(CONTINUOUS)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com