Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5353 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC5353
Description  HIGH VOLTAGE NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5353 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC5353 Datasheet HTML 1Page - Unisonic Technologies 2SC5353 Datasheet HTML 2Page - Unisonic Technologies 2SC5353 Datasheet HTML 3Page - Unisonic Technologies 2SC5353 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5353
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-031,A
TYPICAL CHARACTERISTICS
IC-VCE
Common emitter
TC=25℃
02
46
8
10
0
1
2
3
Collector-Emitter Voltage, VCE (V)
IB = 0.02 A
0.1
0.2
0.05
0.3
0.4
0.5
0.6
0.8
1.0
IC -VBE
00.2
0.6
0.4
0.8
1.0
1.2
1.4
0
1
2
3
Common emitter
VCE = 5 V
Base-Emitter Voltage, VBE (V)
25
TC=100℃
-20
hFE -IC
CollectorCurrent, IC (A)
TC=100℃
25
-20
Common emitter
VCE = 5 V
0.001
0.01
0.1
1
10
1
10
100
1000
VCE(SAT) -IC
Collector Current, IC (A)
0.01
0.1
1
10
0.05
1
10
Common emitter
IC/IB = 3
TC=100℃
25
-20
0.1
VCE(SAT) -IC
Collector Current, IC (A)
0.01
0.1
1
10
0.1
1
10
Common emitter
IC/IB = 5
TC=100℃
25
-20
Switching Characteristics
CollectorCurrent, IC (A)
0.01
0.1
1
10
0.1
1
10
tR
tSTG
tF
IC = 5IB1
2IB1 = −IB2
Pulse width
= 20 µs
Duty cycle
≤ 1%
TC=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com