Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5027E-R-TF3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC5027E-R-TF3-T
Description  HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5027E-R-TF3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC5027E-R-TF3-T Datasheet HTML 1Page - Unisonic Technologies 2SC5027E-R-TF3-T Datasheet HTML 2Page - Unisonic Technologies 2SC5027E-R-TF3-T Datasheet HTML 3Page - Unisonic Technologies 2SC5027E-R-TF3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5027E
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-030,B
■
TYPICAL CHARACTERISTICS
4.0
3.6
0.0
0
Static Characteristic
12
34
5
6
7
8
9
10
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
IB=250 mA
IB=200 mA
IB=150 mA
IB=100 mA
IB=80mA
IB=60mA
IB=50mA
IB=40mA
IB=30mA
IB=20mA
IB=10mA
IB=0mA
1ms
100us
1000
100
10
1
0.01
0.1
1
10
DC Current Gain
VCE=5V
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Base-Emitter on Voltage
Collectoer-Emitter Voltage, VCE (V)
Collector Current, IC (A)
Base-Emitter Voltage, VBE (V)
Collector Current, IC (A)
1ms
100us
10
1
0.1
0.01
0.01
0.1
1
10
4.0
3.5
1.0
0.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
3.0
2.5
2.0
1.5
0.0
VCE=5V
Ic=5IB
1ms
10
1
0.1
0.01
0.1
110
1E-s
1
10
100
1000
10000
100
10
1
0.1
0.01
IcMAX.(Continuous )
Vcc =400 V
5.IB1= - 2.5.I B2=Ic
Collector-Emitter Voltage, VCE (V)
Collector-Emitter Voltage, VCE (V)
Switching Time
Safe Operating Area
IcMAX.(Pulse)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com