Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1804-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1804-X-TN3-R
Description  HIGH CURRENT SWITCHING APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1804-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1804-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD1804
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R209-006,C
HIGH CURRENT SWITCHING
APPLICATIONS
FEATURES
* Low collector-to-emitter saturation voltage
* High current and high fT
* Excellent linerarity of hFE.
* Fast switching time
* Small and slim package making it easy to make UTC 2SD1804
applied sets smaller.
TO-252
1
1
TO-251
*Pb-free plating product number: 2SD1804L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SD1804-x-TM3-T
2SD1804L-x-TM3-T
TO-251
B
C
E
Tube
2SD1804-x-TN3-R
2SD1804L-x-TN3-R
TO-252
B
C
E
Tape Reel
2SD1804-x-TN3-T
2SD1804L-x-TN3-T
TO-252
B
C
E
Tube
2SD1804L-x-TM3-T
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) R: Tape Reel, T: Tube
(2) TM3: TO-251, TN3: TO-252
(3) x: refer to Classification of hFE1
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2SD1804-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804-X-TN3-R UTC-2SD1804-X-TN3-R Datasheet
204Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1804-X-TN3-R UTC-2SD1804-X-TN3-R Datasheet
217Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
More results

Similar Description - 2SD1804-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
2SC4482 SANYO-2SC4482 Datasheet
84Kb / 3P
High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com