Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16DPGS5B Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 16DPGS5B
Description  SWITCHING TRANSIENT FILTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

16DPGS5B Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  16DPGS5B Datasheet HTML 1Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 2Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 3Page - Delta Electronics, Inc. 16DPGS5B Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DPSERIES SWITCHING TRANSIENT FILTERS
INTRODUCTION
SPECIFICATIONS
1.Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.4mA (4700pF)
@ 250VAC 50Hz: 0.8mA
2.Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3.Operating frequency: 50/60Hz
4.Rated voltage: 115/250VAC
(4700pF)
@ 115VAC 60Hz: 1.0mA (10000pF)
@ 250VAC 50Hz: 2.0mA (10000pF)
Two-stage filters provide high insertion loss for both line-to-line
and line-to-ground emissions throughout the frequency range.
COMPONENTS
0.47
0.33
5
0.8
2.7
6.5
10
5
2.83
14
4.5
10
0.47
0.66
0.47
0.33
Maximum leakage current
a. 115VAC 60Hz: 0.5mH
b. 250VAC 50Hz: 1.0mH
MINIMUM INSERTION LOSS IN dB
DVE
6-1
PART NO.
C1 (uF) C2 (pF) L1 (mH) L2 (mH) R (K)
03DPCG5B/W5B
06DPCG5B/W5B
12DPCG5B/W5B
16DPGG5B/W5B/S5B
0.47
9.8
9.8
470
7.8
7.8
1.0
4700
3.25
3.25
220
2.8
2.8
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
3A(S)
50
70
70
60
55
40
3A
60
70
70
65
55
40
6A
58
70
70
70
60
50
10A
58
70
70
70
70
30
06DPDW3
60
70
70
65
70
60
3A(S)
35
48
55
55
55
45
3A
36
55
60
55
55
45
6A
40
65
65
70
70
50
10A
45
65
65
70
70
50
06DPDW3
40
60
60
60
60
60
03DPCG5B/W5B
60
70
70
65
70
60
06DPCG5B/W5B
50
60
60
60
60
35
12DPCG5B/W5B
45
60
65
65
65
45
16DPGG5B/W5B/S5B
20
35
40
50
40
30
03DPCG5B/W5B
30
45
45
45
45
25
06DPCG5B/W5B
45
50
50
55
55
45
12DPCG5B/W5B
45
45
50
50
50
50
16DPGG5B/W5B/S5B
7
55
50
50
50
40
PART NO.
Cx (uF) L1 (mH) L2 (mH) Cy (pF) R (Ohm)
03DPCG5C
03DPCW5C
06DPCG5C
06DPCW5C
12DPCG5C
12DPCW5C
16DPCG5C
16DPCW5C
16DPCS5C
20DPCG5C
20DPCS5C
30DPGS5C
0.22
2.5
2.5
0.97
0.97
4700
1.0M
0.47
0.58
0.58
470K
0.33
0.65
0.65
1.0M
1.0
0.60
0.60
220K
10000
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
FREQUENCY-MHz
.15
.50
1.0
5.0
10
30
CURRENT
RATING
STYLE
3A
CG5C, CW5C
45
60
60
55
45
45
6A
CG5C, CW5C
30
50
60
55
50
35
12A
CG5C, CW5C
15
25
35
55
55
35
16A
CG5C, CW5C, CS5C
20
35
45
60
50
35
20A
CG5C, CS5C
15
40
45
50
50
40
30A
CS5C
10
30
35
55
45
30
3A
CG5C, CW5C
12
45
45
45
45
45
6A
CG5C, CW5C
8
45
45
45
45
45
12A
CG5C, CW5C
12
40
40
35
35
40
16A
CG5C, CW5C, CS5C
12
40
40
45
45
50
20A
CG5C, CS5C
12
45
45
40
35
50
30A
CS5C
18
45
50
40
40
40
ELECTRICAL SCHEMATIC
06DPDW3 ONLY C3:4700pF
C4:2200pF
L1
L
R
G
I
N
N
E
C1
L
C3
C4
C3
L2
C4
C2
G'
O
A
D
N'
L
L'
E
N
G
L
I
N
L
C1
C3
C3
C2
L1
R
D
N'
G'
L2
L
O
A
L'
R:2.2M
C3:3300pF
G
C1
I
N
N
E
L
L
L1
R
L2
C1
C2
C2
O
A
D
N'
L
L'
DPXXB
XXDPXX5C
Cx
G
N
L1
L
Cx
Cy
Cy
R
L2
N'
L'
D
L
O
A
E
L
I
N
PART NO.
C1 (uF)
C2 (uF)
L1 (mH)
L2 (mH)
03DPCG5S
03DPCW5S
03DPDG3S
03DPDW3S
06DPCG5
06DPCW5
06DPDW3
10DPCG5


Similar Part No. - 16DPGS5B

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
16D YUANDEAN-16D Datasheet
216Kb / 2P
DC-DC Converter
16D YUANDEAN-16D Datasheet
216Kb / 2P
DC-DC Converter
16D-05D05RNL YUANDEAN-16D-05D05RNL Datasheet
216Kb / 2P
DC-DC Converter
16D-05D09RNL YUANDEAN-16D-05D09RNL Datasheet
216Kb / 2P
DC-DC Converter
16D-05D12RNL YUANDEAN-16D-05D12RNL Datasheet
216Kb / 2P
DC-DC Converter
More results

Similar Description - 16DPGS5B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DCCG5B DELTA-03DCCG5B Datasheet
1Mb / 2P
SWITCHING TRANSIENT FILTERS
logo
Tyco Electronics
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6VN1 MACOM-6VN1 Datasheet
346Kb / 2P
High Performance RFI Filters for Switching Power Supply
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7FF00S0-R0 MURATA-SFECF10M7FF00S0-R0_17 Datasheet
223Kb / 3P
Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com