Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6220L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BA6220L-S08-R
Description  GENERAL USE ELECTRONIC GOVERNOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6220L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BA6220L-S08-R Datasheet HTML 1Page - Unisonic Technologies BA6220L-S08-R Datasheet HTML 2Page - Unisonic Technologies BA6220L-S08-R Datasheet HTML 3Page - Unisonic Technologies BA6220L-S08-R Datasheet HTML 4Page - Unisonic Technologies BA6220L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BA6220
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R109-001,B
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
18
V
DIP-8
1.4
W
Power Dissipation(note 1)
SOP-8
PD
0.8
W
Operating Temperature
TOPR
-25 ~ +75
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note 1. PCB (Copper-surfaced) 9cm
2, T 1.0mm.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Supply Voltage
VCC
Loader: 8g-cm
3.5
16
V
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
CC=12V)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Saturate Voltage
VSAT
Fig.3
VCC =4.2V, RM=4.4Ω
1.5
2.0
V
Reference Voltage
VREF
Fig.1
IM=10mA
1.10
1.27
1.40
V
Current Ratio
K
Fig.2
RM=33 - 44Ω
18
20
22
Volatge Feature of
Reference Voltage
ΔV
REF/VREF/ΔVCC
Fig.1
IM=100mA,
Vcc=6.3 - 16V
0.06
%/V
Volatge Feature of
Current Ratio
ΔK/K/ΔV
CC
Fig.2
IM=100mA,
Vcc=6.3 - 16V
0.4
%/V
Bias Current
IBIAS
Fig.4
RM=180Ω
0.5
0.8
1.2
mA
Current Feature of
Reference Voltage
ΔV
REF/VREF/ΔIM
Fig.1
IM=30 - 200mA
-0.02
%/mA
Current Feature of
Current Ratio
ΔK/K/ΔI
M
Fig.2
IM=30 - 200mA
-0.02
%/mA
Temperature Feature of
Reference Voltage
ΔV
REF/VREF/ΔTa
Fig.1
IM=100mA,
Ta=-25 - 75
°C
0.01
%/
°C
Temperature Feature of
Current ratio
ΔK/K/ΔTa
Fig.2
IM=100mA,
Ta=-25 - 75
°C
0.01
%/
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com