Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC945 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # KSC945
Description  AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KSC945 Datasheet(HTML) 2 Page - Unisonic Technologies

  KSC945 Datasheet HTML 1Page - Unisonic Technologies KSC945 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTCKSC945
NPNEPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R201-060,A
CLASSIFICATION OF hFE
RANK
R
O
Y
G
L
RANGE
40-80
70-140
120-240
200-400
350-700
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Static characteristics
Collector-Emitter voltage ( V)
04
8
12
16
20
0
20
40
60
80
100
Fig.2 DC current Gain
Ic,Collector current (mA)
10
2
10
1
10
0
10
3
10
3
10
2
10
1
10
0
10
-1
VCE=6V
Fig.3 Base-Emitter on Voltage
10
-1
10
0
10
1
10
2
Base-Emitter voltage (V)
0
0.2
0.4
0.6
0.8
1.0
VCE=6V
Ic,Collector current (mA)
10
3
10
2
10
1
10
0
10
-1
10
1
10
2
10
3
10
4
Fig.4 Saturation voltage
Fig.5 Current gain-bandwidth
product
Fig.6 Collector output
Capacitance
VCE(sat)
VBE(sat)
Ic=10*IB
Ic,Collector current (mA)
10
0
10
1
10
2
10
3
10
0
10
1
10
2
VCE=6V
Collector-Base voltage (V)
10
0
10
1
10
2
10
0
10
1
10
2
10
3
f=1MHz
IE=0
IB=50
µA
IB=100
µA
IB=150
µA
IB=200
µA
IB=250
µA
IB=300
µA
10
-1
10
-1
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com