Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6219-S24-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L6219-S24-R
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6219-S24-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L6219-S24-R Datasheet HTML 1Page - Unisonic Technologies L6219-S24-R Datasheet HTML 2Page - Unisonic Technologies L6219-S24-R Datasheet HTML 3Page - Unisonic Technologies L6219-S24-R Datasheet HTML 4Page - Unisonic Technologies L6219-S24-R Datasheet HTML 5Page - Unisonic Technologies L6219-S24-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L6219
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R109-005,B
TYPICAL APPLICATION
FROM
μ
P
VBB
+
STEPPER
MOTOR
+5V
FROM
μ
P
VREF
RT
CT
VREF
RS
Rc
Cc
RS
Rc
Cc
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Vcc
θ2
θ1
VBB
1
2
RT
CT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com