Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317M-AA3-0-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM317M-AA3-0-R
Description  3-TERMINAL 0.5A POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317M-AA3-0-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LM317M-AA3-0-R Datasheet HTML 1Page - Unisonic Technologies LM317M-AA3-0-R Datasheet HTML 2Page - Unisonic Technologies LM317M-AA3-0-R Datasheet HTML 3Page - Unisonic Technologies LM317M-AA3-0-R Datasheet HTML 4Page - Unisonic Technologies LM317M-AA3-0-R Datasheet HTML 5Page - Unisonic Technologies LM317M-AA3-0-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LM317M
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R101-014,B
TYPICAL CHARACTERISTICS
20
25
Input-output Differential Voltage, VIN-VOUT (V)
30
35
40
15
10
0.5
0.0
05
10
20
25
30
35
40
15
20
25
Input-output Differential Voltage, VIN-VOUT (V)
30
15
10
0.5
0.0
05
10
20
25
30
35
40
15
45
50
55
40
35
30
-25
0
25
75
100
125
50
Ambient Temperature, Ta (℃)
VoUT=1.25V
VoUT=36V
80
90
Frequency, f (Hz)
100
70
60
50
40
10
100
10k
100k
1M
1k
0.6
0.7
0.8
0.
9
1.0
0.5
0.4
0.3
0.2
-25
0
25
75
100
125
50
0.011
0.012
0.014
0.015
0.009
0.008
0.007
0.006
-25
0
25
75
100
125
50
Ambient Temperature, Ta (℃)
Ambient Temperature, Ta (℃)
0.013
Minimum Load Current
Peak Output Current vs. Input-Output Differential
Voltage
30
20
10
Adjustment Pin Current vs.Temperature
Ripple Rejection vs. Frequency
Load Regulation vs. Temperature
Line Regulation vs. Temperature
TJ=25℃
TJ=25℃
VIN-VOUT=5V, IoUT=5mA
VIN=19V, VOUT=10V
IOUT=5mA, TJ=25°C
VIN-VOUT=5V, Vo=1.25V
10mA≤IOUT≤500mA, Pulse test
3V≤VIN-VOUT≤40, VOUT=1.25V
IOUT=100mA, Pulse test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com