Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM318-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM318-S08-R
Description  HIGH SPEED OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM318-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM318-S08-R Datasheet HTML 1Page - Unisonic Technologies LM318-S08-R Datasheet HTML 2Page - Unisonic Technologies LM318-S08-R Datasheet HTML 3Page - Unisonic Technologies LM318-S08-R Datasheet HTML 4Page - Unisonic Technologies LM318-S08-R Datasheet HTML 5Page - Unisonic Technologies LM318-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LM318
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-016,C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC+
+20
V
Supply Voltage
VCC-
-20
V
Input Voltage (Note 2)
VIN
±15
V
Differential Input Current (Note 3)
II(DIFF)
±10
mA
Power Dissipation
PD
500
mW
Output Short-Circuit Duration
Continuous
Maximum Junction Temperature
TJ
110
°C
Operating Temperature Range
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.For supply voltage less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
3.The inputs are shunted with two opposite-facing base-emitter diodes for over voltage protection. Therefore,
excessive current flows if a differential input voltage in excess of 1V is applied between the inputs unless
some limiting resistance is used.
ELECTRICAL CHARACTERISTICS (±5V≤ VCC ≤±20V, 0°C≤TA≤+70°C, unless other specifics)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Input Voltage Range
VIN
VCC=±15V
±11.5
V
Output Voltage Swing
VOUT
VCC =±15V, RL=2KΩ
±12
±13
V
TA=25°C
4
10
mV
Input Offset Voltage
VI(OFF)
15
mV
TA=25°C, VCC =±15V
VOUT=±10V, RL≥2KΩ
25
200
V/mV
Large Signal Voltage Gain
GV
Vcc =±15V, VOUT=±10V, RL≥2KΩ
20
V/mV
TA=25°C
30
200
nA
Input Offset Current
II(OFF)
300
nA
TA=25°C
150
500
nA
Input Bias Current
II(BIAS)
750
nA
Supply Current
ISS
TA=25°C
5
10
mA
Input Resistance
RS
TA=25°C
0.5
3
M
Ω
Slew Rate
SR
TA=25°C, VCC =±15V, Gv=1
50
70
V/µs
Small Signal Bandwidth
SBW
TA=25°C, VCC =±15V
15
MHz
Common Mode Rejection Ratio
CMRR
70
100
dB
Supply Voltage Rejection Ratio
SVRR
65
80
dB
Note: These power supplies must be bypassed with 0.1µF(or larger) disc ceramic capacitor within an inch of the
device.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com