Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM324-P14-R
Description  QUAD OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM324-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM324-P14-R Datasheet HTML 1Page - Unisonic Technologies LM324-P14-R Datasheet HTML 2Page - Unisonic Technologies LM324-P14-R Datasheet HTML 3Page - Unisonic Technologies LM324-P14-R Datasheet HTML 4Page - Unisonic Technologies LM324-P14-R Datasheet HTML 5Page - Unisonic Technologies LM324-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LM324
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R105-006,D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
±18
V
Differential Input Voltage
VI(DIFF)
32
V
Input Voltage
VI
-0.3 ~ +32
V
Power Dissipation
PD
570
mW
Operating Temperature Range
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
ELECTRICAL CHARACTERISTICS
(VCC=5.0V, All voltage referenced to GND unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VCM=0V toVCC-1.5V
VO(P)=1.4V, RS=0Ω
7.0
mV
Input Offset Current
IIO
50
nA
Input Bias Current
IBIAS
250
nA
Input Common Mode Voltage
VI(R)
VCC=30V
0
VCC-1.5
V
RL=∝, VCC=30V
1.0
3.0
mA
Power Supply Current
ICC
VCC=5V
0.7
1.2
mA
Large Signal Voltage Gain
GV
VCC=15V, RL≧2KΩ
VO(P)=1V ~ 11V
25
100
V/mV
VCC=30V, RL=2KΩ
26
V
VO(H)
VCC=30V, RL=10KΩ
27
28
V
Output Voltage Swing
VO(L)
VCC=5V, RL>10KΩ
5
20
mV
Common Mode Rejection Ratio
CMRR
65
75
dB
Power Supply Rejection Ratio
PSRR
65
100
dB
Channel Separation
CS
f=1KHZ ~ 20KHZ
120
dB
Short Circuit Current to Ground
ISC
40
60
mA
ISOURCE
VI(+)=1V, VI(-)=0V
VCC=15V, VO(P)=2V
20
40
mA
ISINK
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=2V
10
13
mA
Output Current
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=200mV
12
45
mA
Differential Input Voltage
VI(DIFF)
VCC
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com