Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3380-50-AF5-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # L3380-50-AF5-R
Description  PWM STEP UP DC-DC CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3380-50-AF5-R Datasheet(HTML) 8 Page - Unisonic Technologies

  L3380-50-AF5-R Datasheet HTML 1Page - Unisonic Technologies L3380-50-AF5-R Datasheet HTML 2Page - Unisonic Technologies L3380-50-AF5-R Datasheet HTML 3Page - Unisonic Technologies L3380-50-AF5-R Datasheet HTML 4Page - Unisonic Technologies L3380-50-AF5-R Datasheet HTML 5Page - Unisonic Technologies L3380-50-AF5-R Datasheet HTML 6Page - Unisonic Technologies L3380-50-AF5-R Datasheet HTML 7Page - Unisonic Technologies L3380-50-AF5-R Datasheet HTML 8Page - Unisonic Technologies L3380-50-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
L3380
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-099,A
EXTERNAL COMPONENTS
1. Diode (D1)
The diode is the largest source of loss in DC-DC converters. The most important parameters which affect the
efficiency are the forward voltage drop
D
U and the reverse recovery time. The forward voltage drop creates a loss
just by having a voltage across the device while a current flowing through it. The reverse recovery time generates a
loss when the diode is reverse biased, and the current appears to actually flow backwards through the diode due to
the minority carriers being swept from the P-N junction. A Schottky diode with the following characteristics is
recommended:
*Low forward voltage:
0.3
D
UV
<
*Fast reverse recovery time/switching speed:
50nS
*Rated current:
PK
I
>
*Reverse voltage:
OD
UU
≥+
2. Inductor (L1)
Low inductance values supply higher output current, but also increase the ripple and reduce efficiency. Choose a low
DC-resistance inductor to minimize loss. It is necessary to choose an inductor with saturation current greater than
the peak current that the inductor will encounter in the application. Saturation occurs when the inductor’s magnetic
flux density reaches the maximum level the core can support and inductance falls.
3. Capacitor (C1,C3)
The input capacitor C1 improves the efficiency by reducing the power impedance and stabilizing the input current.
Select a C1 value according to the impedance of the power supply used. Small Equivalent Series Resistance(ESR)
Tantalum or ceramic capacitor with an appropriate value should be suitable
The output capacitor is used for smoothing the output voltage and sustaining the output voltage when the switch is
on. Select an appropriate capacitor depending on the ripple voltage that increases in case of a higher output voltage
or a higher load current. The capacitor value should be 10uF minimum. Small ESR should be used to reduce output
ripple voltage. However, the best ESR may depend on L, capacitance, wiring and applications(output load).
Therefore, fully evaluate ESR under an actual condition to determine the best value.
4. External transistor (Q1 R1 C2)
An enhancement N-channel MOSFET or a bipolar NPN transistor can be used as the external switch transistor.
*Bipolar NPN transistor
The hFE value of NPN transistor and the R1 value determine the driving capacity to increase the output
current using a bipolar transistor. 1KΩ is recommended for R1. R1 is selected from the following calculation.
Calculate the necessary base current(Ib) from the bipolar transistor hFE using
PK
b
FE
I
I
h
=
0.7
0.4
1
||
bEXTH
Vout
R
II
=−



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com