Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1985-2J-AF5-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LD1985-2J-AF5-R
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985-2J-AF5-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LD1985-2J-AF5-R Datasheet HTML 2Page - Unisonic Technologies LD1985-2J-AF5-R Datasheet HTML 3Page - Unisonic Technologies LD1985-2J-AF5-R Datasheet HTML 4Page - Unisonic Technologies LD1985-2J-AF5-R Datasheet HTML 5Page - Unisonic Technologies LD1985-2J-AF5-R Datasheet HTML 6Page - Unisonic Technologies LD1985-2J-AF5-R Datasheet HTML 7Page - Unisonic Technologies LD1985-2J-AF5-R Datasheet HTML 8Page - Unisonic Technologies LD1985-2J-AF5-R Datasheet HTML 9Page - Unisonic Technologies LD1985-2J-AF5-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LD1985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 10
www.unisonic.com.tw
QW-R102-021,C
TYPICAL CHARACTERISTICS(Cont.)
Load Transient
Vout
VOUT=2.5V, IOUT=0~50mA, no CIN, COUT=10μF, ts=tf=2ns
20.0mV
50.0mVΩ
Ch2
29mV
Ch3
3
2
Ch2
M 10.0μs
Load Transient
Iout
Vout
VOUT=2.5V, IOUT=50mA, no CIN, COUT=4.7μF, ts=tf=20ns
Ch1
50.0mV
100mVΩ
CH2
M 10.0μs
Ch2
78mV
Ch2
2
1
Tek Run: 5.00MS/s
Tek Run: 5.00MS/s
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com