Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3380L-18-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L3380L-18-AF5-R
Description  PWM STEP UP DC-DC CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3380L-18-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  L3380L-18-AF5-R Datasheet HTML 1Page - Unisonic Technologies L3380L-18-AF5-R Datasheet HTML 2Page - Unisonic Technologies L3380L-18-AF5-R Datasheet HTML 3Page - Unisonic Technologies L3380L-18-AF5-R Datasheet HTML 4Page - Unisonic Technologies L3380L-18-AF5-R Datasheet HTML 5Page - Unisonic Technologies L3380L-18-AF5-R Datasheet HTML 6Page - Unisonic Technologies L3380L-18-AF5-R Datasheet HTML 7Page - Unisonic Technologies L3380L-18-AF5-R Datasheet HTML 8Page - Unisonic Technologies L3380L-18-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
L3380
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-099,A
APPLICATION CIRCUIT INFORMATION (Cont.)
5. Charge stores in C3 during charging up is given by
COFF
QI
T
∆ =•
we can write
1
()
LO
d
QI
I
f
−
∆=
−
•
6. Output ripple voltage is given by
()
PPC
L
O
VU
ESR
I
I
=∆
+
•
−
(ESR: equivalent series resistance of the output capacitor)
()
PPL
O
Q
VESR
I
I
C
∆
=+
•
−
Then we give the following example about choosing external components by considering the design parameters.
Design parameters:
IN
U =1.5V Uo =2.1V
O
I =200mA
PP
V =100mV f=300KHZ ICR=0.2
Assume
D
U and
S
U are both 0.3V, the duty ratio is
2.1 0.3 1.5
0.429
2.1 0.3 0.3
OD
IN
OD
S
UU
U
d
UU
U
+−
+−
==
=
+−
+
−
In order to generate the desired output current and ICR, the value of inductor should meets the following formula
L ≤
(1– d)
2(U
O+UD-UIN)
ICR
• IO • f
=
(1– 0.429)
2(2.1V+0.3V-1.5V)
0.2×0.2A×300000HZ
= 24.5uH
Calculate the average current and the peak current of inductor
0.2
0.35
1
1 0.429
O
L
I
A
I
A
d
==
=
−−
11
(1
)
0.35
(1
0.2)
0.385
22
PK
L
I
IICR
A
A
=+
=
× + ×
=
So, we make a trial of choosing a 22uH inductor that allowable maximum current is lager than 0.385A.
Determine the delta charge stores in C3 during charging up
1
1 0.429
(
)
(0.35
0.2 )
0.286
300000
LO
d
QI
I
A
A
uC
fHZ
−−
∆=
−
•
=
−
×
=
Assume the ESR of C3 is 0.15Ω, determine the value of C3
6
0.286 10
3.69
(
)
0.1 0.15
(0.35
0.2 )
PP
L
O
QC
CuF
VESR
I
I
A
A
−
∆×
≥=
=
−•
−
−
Ω×
−
Therefore, a Tantalum capacitor with value of 10uF and ESR of 0.15Ω can be used as output capacitor. However,
the optimized value should be obtained by experiment.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com