Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM324-S14-R
Description  QUAD OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM324-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM324-S14-R Datasheet HTML 1Page - Unisonic Technologies LM324-S14-R Datasheet HTML 2Page - Unisonic Technologies LM324-S14-R Datasheet HTML 3Page - Unisonic Technologies LM324-S14-R Datasheet HTML 4Page - Unisonic Technologies LM324-S14-R Datasheet HTML 5Page - Unisonic Technologies LM324-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LM324
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R105-006,D
TYPICAL CHARACTERISTICS
05
10
15
5
0
10
15
Fig.1 Input Voltage Range
Supply Voltage (+- Vdc)
Positive
Negative
-50
-25
0
25
50
75
100
0
20
40
60
80
100
Vcc=+15V
Vcc=+5V
Vcc=+30V
Fig.2 Input Current
Temperature (¢XC)
0
10
203040
0
1
2
3
40
Vcc
Ic
Ta=0~+85¢XC
Ta=-40¢XC
Fig.3 Supply Current
Supply Voltage
(V)
0
7.5
15
22.5
30
0
40
80
120
160
Fig.4 Voltage Gain
Supply Voltage (V)
RL=20k
Ω
RL=2k
Ω
Fig.5 Open Loop Frequency response
0
20
40
60
80
120
100
10
01
10
2
10
3
10
4
10
5
10
6
10
7
10
Frequency (Hz)
Vcc=30V
Vcc=15V
0.1
µF
100M
Ω
Vcc
Vin
Vcc/2
2
10
3
10
4
10
5
10
6
10
0
20
40
60
80
100
120
Fig.6 Common-mode rejection Ratio
Frequency (Hz)
100k
Ω
-7.5V
100
Ω
100
Ω
100 k
Ω
+7.5V
Vin
Vcc=+7.5V
Vee=-7.5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com