Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358L-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM358L-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM358L-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM358L-P08-R Datasheet HTML 1Page - Unisonic Technologies LM358L-P08-R Datasheet HTML 2Page - Unisonic Technologies LM358L-P08-R Datasheet HTML 3Page - Unisonic Technologies LM358L-P08-R Datasheet HTML 4Page - Unisonic Technologies LM358L-P08-R Datasheet HTML 5Page - Unisonic Technologies LM358L-P08-R Datasheet HTML 6Page - Unisonic Technologies LM358L-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM358
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R105-001,H
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC LM358 consists of two independent high gain, internally
frequency compensated operational amplifier. It can be operated
from a single power supply and also split power supplies.
FEATURES
*Internally frequency compensated for unity gain.
*Wide power supply range 3V - 32V.
*Input common-mode voltage range include ground.
*Large DC voltage gain.
*Pb-free plating product number: LM358L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
LM358-D08-T
LM358L-D08-T
DIP-8
Tube
LM358-G09-T
LM358L-G09-T
SIP-9
Tube
LM358-P08-R
LM358L-P08-R
TSSOP-8
Tape Reel
LM358-P08-T
LM358L-P08-T
TSSOP-8
Tube
LM358-S08-R
LM358L-S08-R
SOP-8
Tape Reel
LM358-S08-T
LM358L-S08-T
SOP-8
Tube
LM358-SM1-R
LM358L-SM1-R
MSOP-8
Tape Reel
LM358-SM1-T
LM358L-SM1-T
MSOP-8
Tube


Similar Part No. - LM358L-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM358L-P08-R UTC-LM358L-P08-R Datasheet
312Kb / 7P
DUAL OPERATIONAL AMPLIFIER
LM358L-P08-R UTC-LM358L-P08-R Datasheet
309Kb / 7P
DUAL OPERATIONAL AMPLIFIER
LM358L-P08-RLM358G-P08-R UTC-LM358L-P08-RLM358G-P08-R Datasheet
331Kb / 7P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - LM358L-P08-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com