Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1857L-Q-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1857L-Q-T92-R
Description  POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1857L-Q-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1857L-Q-T92-R Datasheet HTML 1Page - Unisonic Technologies 2SD1857L-Q-T92-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SD1857
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-057,C
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5
V
Collector Power Dissipation
PC
1
W
Collector Current
IC
2
A
Collector Current
ICP
3
A
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=50µA
120
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA
120
V
Emitter-Base Breakdown Voltage
BVEBO
IE=50µA
5
V
Collector Cut-off Current
ICBO
VCB=100V
1
µA
Emitter Cut-off Current
IEBO
VEB=4V
1
µA
DC Current Transfer Ratio
hFE
VCE=5V, IC=0.1A
82
390
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=/IB=1A/0.1A(Note)
0.4
V
Transition Frequency
fT
VCE=5V, IE= -0.1A, f=30MHz.
80
MHz
Output Capacitance
Cob
VCB=10V, IE=0A, f=1MHz(Note)
20
pF
Note: Measured using pulse current.
CLASSIFICATION OF hFE
RANK
P
Q
R
RANGE
82-180
120-270
180-390
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com