Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2940L-XX-TQ2-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LM2940L-XX-TQ2-R
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940L-XX-TQ2-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LM2940L-XX-TQ2-R Datasheet HTML 3Page - Unisonic Technologies LM2940L-XX-TQ2-R Datasheet HTML 4Page - Unisonic Technologies LM2940L-XX-TQ2-R Datasheet HTML 5Page - Unisonic Technologies LM2940L-XX-TQ2-R Datasheet HTML 6Page - Unisonic Technologies LM2940L-XX-TQ2-R Datasheet HTML 7Page - Unisonic Technologies LM2940L-XX-TQ2-R Datasheet HTML 8Page - Unisonic Technologies LM2940L-XX-TQ2-R Datasheet HTML 9Page - Unisonic Technologies LM2940L-XX-TQ2-R Datasheet HTML 10Page - Unisonic Technologies LM2940L-XX-TQ2-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R102-016.E
TYPICAL CHARACTERISTICS (Cont.)
1100
Output Impedance
1K
0.02
0.05
0.01
10
10K 100K
0.10
0.50
1.00
10.00
Frequency (Hz)
1M
VIN=10V
VOUT=5 V
COUT=22μF
IoUT=50mA
0
400
200
600
0.01
0.1
1
Output Current(mA)
800
1000
10
100
Output Capacitor ESR
-30
-10
0
0
-20
10
20
-5
5
10
Input Voltage (V)
30
40
15
20
25
Output at Voltage Extremes
RO=100Ω
VOUT=10V
-30
-10
0
0
-20
10
20
-4
4
8
Input Voltage (V)
30
40
12
16
20
Output at Voltage Extremes
RO=100Ω
-30
-10
0
0
-20
10
20
-5
5
10
Input Voltage (V)
30
40
15
20
25
Output at Voltage Extremes
RO=100Ω
STABLE
REGION
COUT=22μF
-40
0
40
80
0
1.0
Temperature( ℃)
120
160
2.0
3.0
Peak Output Current
VIN=14V
5.00
2.00
0.20
VOUT=12V
VOUT=15V
VOUT=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com