Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937-33-TA3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LM2937-33-TA3-R
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937-33-TA3-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LM2937-33-TA3-R Datasheet HTML 2Page - Unisonic Technologies LM2937-33-TA3-R Datasheet HTML 3Page - Unisonic Technologies LM2937-33-TA3-R Datasheet HTML 4Page - Unisonic Technologies LM2937-33-TA3-R Datasheet HTML 5Page - Unisonic Technologies LM2937-33-TA3-R Datasheet HTML 6Page - Unisonic Technologies LM2937-33-TA3-R Datasheet HTML 7Page - Unisonic Technologies LM2937-33-TA3-R Datasheet HTML 8Page - Unisonic Technologies LM2937-33-TA3-R Datasheet HTML 9Page - Unisonic Technologies LM2937-33-TA3-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R102-012.F
TYPICAL CHARACTERISTICS
0
200
0.4
Output Current(mA)
Dropout Voltage vs Output Current
300
0.2
0.3
0.5
0.1
100
400
500
0
0.6
0.7
0.8
0.9
TJ=25℃
-40
40
0.4
Dropout Voltage vs Temperature
80
0.2
0.3
0.5
0.1
0
120
0
0.6
0.7
0.8
0.9
0.5A
1.0
Temperature(℃)
0.25A
0.05A
-40
40
4.98
Output Voltage vs Temperature
80
4.94
4.96
5.00
4.92
0
120
4.90
5.02
5.04
5.06
5.08
5.10
Temperature(℃)
-40
40
10
Quiescent Current vs Temperature
80
5
0
120
0
15
20
Temperature(℃)
250mA
500mA
5mA
RL=100Ω
010
20
Quiescent Current vs Input Voltage
15
10
520
25
0
30
40
50
Input Voltage (V)
0.25A
0.05A
30
35
60
70
80
90
100
0.5A
0
200
4
300
1
100
400
500
0
6
8
10
Output Current (mA)
VIN=14V
VOUT=5V
TJ=25℃
VOUT=5V
Ta=25℃
Quiescent Current vs Input Voltage
2
5
3
7
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com