Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937-80-TA3-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LM2937-80-TA3-R
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937-80-TA3-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LM2937-80-TA3-R Datasheet HTML 2Page - Unisonic Technologies LM2937-80-TA3-R Datasheet HTML 3Page - Unisonic Technologies LM2937-80-TA3-R Datasheet HTML 4Page - Unisonic Technologies LM2937-80-TA3-R Datasheet HTML 5Page - Unisonic Technologies LM2937-80-TA3-R Datasheet HTML 6Page - Unisonic Technologies LM2937-80-TA3-R Datasheet HTML 7Page - Unisonic Technologies LM2937-80-TA3-R Datasheet HTML 8Page - Unisonic Technologies LM2937-80-TA3-R Datasheet HTML 9Page - Unisonic Technologies LM2937-80-TA3-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R102-012.F
TYPICAL CHARACTERISTICS(Cont.)
-10
10
Line Transient Response
20
-20
0
3V
030
40
0V
20
40
100
Ripple Rejection
1K
40
50
10
10K
100K
60
70
Frequency (Hz)
1.0
3.0
Low Voltage Behavior
4.0
2.0
2.0
5.0 6.0
1.0
3.0
4.0
5.0
Input Voltage (V)
0
4
6
2
2
8
10
0
4
6
Input Voltage (V)
12
14
8
10
12
14
50
60
Load Transient Response
IOUT=50mA
VOUT=5 V
Ta=25℃
Time (μs)
1M
IOUT=500mA
VOUT=5 V
TJ=25℃
Low Voltage Behavior
IOUT=500mA
TJ=25℃
0
6
3
3
9
12
0
6
Input Voltage (V)
15
18
9
12
15
18
Low Voltage Behavior
VOUT=15 V
TJ=25℃
Time (μs)
-1
1
2
-50
0
400
03
4
0
50
56
VIN=10V
VOUT=5 V
IOUT=50mA
COUT=10 F
0
0
VOUT=10V
VOUT=8 V
IOUT=500mA
VOUT=12 V
μ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com