Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2937-10-TA3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM2937-10-TA3-R
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2937-10-TA3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LM2937-10-TA3-R Datasheet HTML 1Page - Unisonic Technologies LM2937-10-TA3-R Datasheet HTML 2Page - Unisonic Technologies LM2937-10-TA3-R Datasheet HTML 3Page - Unisonic Technologies LM2937-10-TA3-R Datasheet HTML 4Page - Unisonic Technologies LM2937-10-TA3-R Datasheet HTML 5Page - Unisonic Technologies LM2937-10-TA3-R Datasheet HTML 6Page - Unisonic Technologies LM2937-10-TA3-R Datasheet HTML 7Page - Unisonic Technologies LM2937-10-TA3-R Datasheet HTML 8Page - Unisonic Technologies LM2937-10-TA3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R102-012.F
ELECTRICAL CHARACTERISTICS (Cont.)
For LM2937-15.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
5mA≤IOUT≤500mA
14.55
15.00
15.45
V
Line Regulation
V
△ OUT
VOUT+2V≤VIN≤26V, IOUT=5mA
45
150
mV
Load Regulation
V
△ OUT
5mA≤IOUT≤500mA
15
150
mV
(VOUT+2V)≤VIN ≤26V,IOUT=5mA
2
10
mA
Quiescent Current
IQ
VIN= VOUT+5V, IOUT=500mA
10
20
mA
Output Noise Voltage
eN
10Hz-100kHz, IOUT=5mA
450
µVrms
Long Term Stability
1000Hrs
56
mV
IOUT=500mA
0.5
1.0
V
Dropout Voltage
VD
IOUT=50mA
110
250
mV
Short Circuit Current
ISC
0.6
1.0
A
Peak Line Transient Voltage
TIN
tF≤100ms, RL=100Ω
60
75
V
Reverse DC Input Voltage
VRIN
VOUT≥-0.6V, RL=100Ω
-15
-30
V
Reverse Transient Input Voltage
VTRRI
tF<1ms, RL=100Ω
-50
-75
V
ON/OFF CONTROL (For 5 pins only)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON/OFF Threshold Voltage ON
VON
IOUT≦0.5A
0.8
V
ON/OFF Threshold Voltage OFF
VOFF
IOUT≦0.5A
2.0
V
ON/OFF Threshold Current
ION/OFF
VON/OFF=2.0V, IOUT=0.5A
50
100
μ
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com