Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2940-10-TA3-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LM2940-10-TA3-R
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940-10-TA3-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LM2940-10-TA3-R Datasheet HTML 3Page - Unisonic Technologies LM2940-10-TA3-R Datasheet HTML 4Page - Unisonic Technologies LM2940-10-TA3-R Datasheet HTML 5Page - Unisonic Technologies LM2940-10-TA3-R Datasheet HTML 6Page - Unisonic Technologies LM2940-10-TA3-R Datasheet HTML 7Page - Unisonic Technologies LM2940-10-TA3-R Datasheet HTML 8Page - Unisonic Technologies LM2940-10-TA3-R Datasheet HTML 9Page - Unisonic Technologies LM2940-10-TA3-R Datasheet HTML 10Page - Unisonic Technologies LM2940-10-TA3-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R102-016.E
TYPICAL CHARACTERISTICS (Cont.)
-10
10
-10
Time (μS)
Line Transient Response
20
-30
-20
0
3V
030
40
0V
10
20
30
1
100
Ripple Rejection vs. Frequency
1K
45
55
35
10
10K 100K
65
75
85
95
Frequency (Hz)
1.0
3.0
Low Voltage Behavior
4.0
2.0
2.0
5.0
6.0
1.0
3.0
4.0
5.0
Input Voltage (V)
04
6
2
28
10
0
4
6
Input Voltage (V)
12
14
8
10
12
14
50
60
-10
10
-0.4
Load Transient Response
20
1.0
-0.5
-0.3
0.5
030
40
0
-0.2
-0.1
0.5
0.1
0.2
0.3
0.4
0
VIN=10V
VoUT=5 V
COUT=22μF
1M
VIN=10V
VoUT=5 V
COUT=22μF
IoUT=10mA
IoUT=1A
VoUT=5 V
TJ=25℃
Low Voltage Behavior
IoUT=1A
VoUT=8 V
06
3
39
12
0
6
Input Voltage (V)
15
18
9
12
15
18
Low Voltage Behavior
IoUT=1A
VoUT=9 V
Time (μS)
TJ=25℃
TJ=25℃
TJ=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com