Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393-SM1-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LMV393-SM1-R
Description  DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV393-SM1-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LMV393-SM1-R Datasheet HTML 2Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 3Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 4Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 5Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 6Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 7Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 8Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 9Page - Unisonic Technologies LMV393-SM1-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LMV393
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R104-004,A
APPLICATION CIRCUITS(Cont.)
Square Wave Oscillator
Comparators are suitable for oscillator applications. This application uses the minimum number of external
components. The output frequency is set by the RC time constant which is determined by capacitor C1 and the
resistor in the negative feedback R4 of the comparator. Capacitive load at the output would degrade the output slew
rate and limit the maximum operating frequency.
V
+
R4
100k
4.3k
V
+
0
VOUT
R3
100k
R2
100k
R1
100k
V
+
C1
75pF
Vc
Va
t = 0
Va2
Va1
-Vcc
Vc1
Squarewave Oscillator
-
+
T
0
VOUT
At first, assume that the output is high, so the voltage at the inverting input VC is less than the voltage at the
non-inverting input Va, the capacitor C1 has to be discharged. When it has charged up to value equal to the positive
input voltage Va1, the comparator output will switch.
Va1 will be given by:
If: R1=R2=R3
Then:
When the output switches to ground, the value of Va is reset by the resistor network:
Then capacitor C1 discharge through a resistor towards ground. The output will return to its high state when the
voltage across the capacitor has discharged to a value equal to Va2.The time to charge the capacitor can be
calculated from:
Where VMAX =2VCC/3 and VC = VCC/3
One period will be given by: 1/freq = 2t or calculating the exponential gives: 1/freq = 2(0.694) R4 C1Resistors R3
and R4 must be at least two times larger than R5 to insure a reasonable VO. The frequency stability of this circuit
should strictly be a function of the external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com