Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1102 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LR1102
Description  LOW NOISE 150mA LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1102 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LR1102 Datasheet HTML 4Page - Unisonic Technologies LR1102 Datasheet HTML 5Page - Unisonic Technologies LR1102 Datasheet HTML 6Page - Unisonic Technologies LR1102 Datasheet HTML 7Page - Unisonic Technologies LR1102 Datasheet HTML 8Page - Unisonic Technologies LR1102 Datasheet HTML 9Page - Unisonic Technologies LR1102 Datasheet HTML 10Page - Unisonic Technologies LR1102 Datasheet HTML 11Page - Unisonic Technologies LR1102 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LR1102
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R502-038,C
TYPICAL CHARACTERISTICS
1. Output Voltage vs. Output Current
2.0
1.4
0.6
0
Output Current, IOUT (mA)
1.0
1.6
2.8V
1.8
1.2
100
200
300
400
VIN = 2.1V
3.8V
TOPR = 25°C
LR1102-1.8V
0.8
0.4
0.2
0.0
500
3.5
2.5
1.0
0
Output Current, IOUT (mA)
4.0V
3.0
2.0
100
200
300
400
VIN = 3.3V
5.0V
TOPR = 25° C
LR1102-3.0V
1.5
0.5
0.0
500
5.0
3.5
1.5
0
Output Current, IOUT (mA)
2.5
4.0
6.0V
4.5
3.0
100
200
300
400
5.0V
VIN = 4.3V
LR1102-4.0V
2.0
1.0
0.5
0.0
500
6.0
4.0
2.0
0
Output Current, IOUT (mA)
6.0V
5.0
3.0
100
200
300
400
VIN = 5.3V
7.0V
LR1102-5.0V
1.5
1.0
0.0
500
2. Dropout Voltage vs. Output Current
1.20
0.40
0
Output Current, IOUT (mA)
0.60
1.00
0.80
50
100
LR1102-1.8V
0.20
0.00
150
25°C
-20°C
0.40
0.15
0
Output Current, IOUT (mA)
0.20
0.35
0.25
50
100
LR1102-3.0V
0.05
0.00
150
25°C
-20°C
0.10
0.30
TOPR = 85°C
TOPR = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com