Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LMV358L-S08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LMV358L-S08-R Datasheet HTML 1Page - Unisonic Technologies LMV358L-S08-R Datasheet HTML 2Page - Unisonic Technologies LMV358L-S08-R Datasheet HTML 3Page - Unisonic Technologies LMV358L-S08-R Datasheet HTML 4Page - Unisonic Technologies LMV358L-S08-R Datasheet HTML 5Page - Unisonic Technologies LMV358L-S08-R Datasheet HTML 6Page - Unisonic Technologies LMV358L-S08-R Datasheet HTML 7Page - Unisonic Technologies LMV358L-S08-R Datasheet HTML 8Page - Unisonic Technologies LMV358L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R105-010,C
TYPICAL CHARACTERISTICS
(Unless otherwise specified, VE=+5V, single supply. TA=25°C)
Supply Current vs Supply Voltage
(LMV321)
200
175
150
125
100
75
50
25
0
0
123
4
5
Supply Voltage(V)
T =
85
℃
T =
25
℃
T =
-40
℃
Input Current vs Temperature
-10
-12
-14
-16
-18
-20
-40 -20
0
20
60
80
Temperature (℃)
VSS = 5V
VIN = VSS/2
40
Sourcing Current vs Output Voltage
100
10
0.1
0.01
0.001
0.001 0.01
0.1
1
10
Output Voltage Referenced V
+ (V)
100
10
0.1
0.01
0.001
0.001 0.01
0.1
1
10
VSS = 2.7V
1
VSS = 3V
1
Sourcing Current vs Output Voltage
Output Voltage Referenced V
+ (V)
Sinking Current vs Output Voltage
100
10
0.1
0.01
0.001
0.01
0.1
1
10
Output Voltage Referenced to GND(V)
1000
10
0.1
0.01
0.001
0.01
0.1
1
10
1
1
Sinking Current vs Output Voltage
Output Voltage Referenced to GND(V)
VSS = 2.7V
100
VSS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com