Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7HT Datasheet(PDF) 1 Page - TOKO, Inc

Part # 7HT
Description  Radial Type Helical Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7HT Datasheet(HTML) 1 Page - TOKO, Inc

  7HT Datasheet HTML 1Page - TOKO, Inc 7HT Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE
7HW
7HT
8Max.
3.7
3.2
φ0.5
4.5
1Max. *14.7Max.
7HW Double Tuned
7HT Triple Tuned
Frequency Range:
350MHz~1.2GHz
RoHS compliant
(Unit: mm)
*Either 11 or 12.9mm height is possible. 高さ11mm、12.9mmも可能です
Examples of 900MHz frequency response
900MHz周波数感度例
Typical characteristic for MCA radio use
MCAラジオ用代表特性曲線
ANTENNA CIRCUIT FILTER 302MXPR-1077E
7HW
8Max.
3.7
3.2
φ0.5
4.5
4.5
1Max. *14.7Max.
(Unit: mm)
7HT
0
2
4
6
8
BANDWIDTH
Frequency(MHz)
−20
−10
0
10
20
fo:904MHz
IL:1dB
0
10
20
30
SELECTIVITY
Frequency(MHz)
0
10
20
(dB)
Return Loss
−100
−50
0
50
100
0
2
4
6
8
10
BANDWIDTH
Frequency(MHz)
−20
−10
0
10
20
fo:904MHz
IL:2.5dB
0
20
40
60
80
100
SELECTIVITY
Frequency(MHz)
−200
−100
0
100
200
1
45
8
R2
R1
252HXPK-2709F
BOTTOM VIEW
Test circuit
R1=R2=50
Ω
1
27
8
10
11
R2
R1
302HXPK-1278B
Test circuit
R1=R2=50
Ω
BANDWIDTH
Frequency(MHz)
0
4
8
12
−20
−10
0
10
20
fo : 855MHz
IL : 1.5dB
SELECTIVITY
Frequency(MHz)
0
20
40
60
−200
−100
0
100
200
RF CIRCUIT FILTER 252HXPK-2674F
BANDWIDTH
Frequency(MHz)
0
2
4
6
−20
−10
0
10
20
fo : 859.5MHz
IL : 2.5dB
SELECTIVITY
Frequency(MHz)
0
20
40
60
−120
−60
0
60
120
LOCAL FILTER 252HXPK-273F
BANDWIDTH
Frequency(MHz)
0
2
4
6
−20
−10
0
10
20
fo : 910MHz
IL : 1.2dB
SELECTIVITY
Frequency(MHz)
0
20
40
60
−400
−200
0
200
400
Radial Type Helical Filters
ラジアルタイプヘリカルフィルタ
continued on next page
次頁へ続く
Features
• Compact low-profile helicalfolters, ideal for mobile
communications equipment.
• RoHS compliant
特  長
• 移動体通信に最適な小型薄形のヘルカルフィルタ
• RoHS 指令対応


Similar Description - 7HT

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
5CHLW TOKO-5CHLW Datasheet
117Kb / 2P
Helical Filters for Surface Mounting
5HW TOKO-5HW Datasheet
164Kb / 2P
Radial Type Helical Filters
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
RADIAL TAPING FM CERAMIC FILTERS
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
Radial Taping / FM Ceramic Filters
logo
Glenair, Inc.
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
Helical Convoluted Tubing
logo
TOKO, Inc
5HW-125055F-1305 TOKO-5HW-125055F-1305 Datasheet
53Kb / 2P
Helical Filters, Leaded
logo
Panasonic Semiconductor
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
Coil type EMI Filters (Digital Noise Filters)
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
HELICAL FILTERS 350MHz to 800MHz
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
HELICAL FILTERS 350MHz to 800MHz
logo
List of Unclassifed Man...
NAS1130 ETC2-NAS1130 Datasheet
274Kb / 3P
HELICAL COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com