Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7KLL Datasheet(PDF) 3 Page - TOKO, Inc

Part # 7KLL
Description  Variable Coils
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7KLL Datasheet(HTML) 3 Page - TOKO, Inc

  7KLL Datasheet HTML 1Page - TOKO, Inc 7KLL Datasheet HTML 2Page - TOKO, Inc 7KLL Datasheet HTML 3Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
75
Variable Coils
TYPE
7KLL
STANDARD COILS SELECTION GUIDE
TYPE 7KLL Frequency Range: 80 ~ 120MHz
TOKO
Test
Part
Inductance
Q
Frequency
Number
(µH)
min.
(MHz)
600ENS-8067 Z
0.10 ± 6%
56 ± 20%
50
600ENS-8068 Z
0.12 ± 6%
64 ± 20%
50
600ENS-8069 Z
0.15 ± 6%
67 ± 20%
50
600ENS-8070 Z
0.18 ± 6%
73 ± 20%
50
600ENS-8071 Z
0.22 ± 6%
73 ± 20%
50
600ENS-8072 Z
0.27 ± 6%
81 ± 20%
50
600ENS-8073 Z
0.33 ± 6%
87 ± 20%
50
600ENS-8074 Z
0.39 ± 6%
88 ± 20%
50
600ENS-8075 Z
0.47 ± 6%
90 ± 20%
50
600ENS-8076 Z
0.56 ± 6%
93 ± 20%
50
600ENS-8077 Z
0.68 ± 6%
92 ± 20%
50
600ENS-8078 Z
0.82 ± 6%
94 ± 20%
50
600ENS-8079 Z
1.0 ± 6%
39 ± 20%
7.96
600ENS-8080 Z
1.2 ± 6%
45 ± 20%
7.96
600ENS-8081 Z
1.5 ± 6%
45 ± 20%
7.96
600ENS-8082 Z
1.8 ± 6%
45 ± 20%
7.96
600ENS-8083 Z
2.2 ± 6%
45 ± 20%
7.96
600ENS-8084 Z
2.7 ± 6%
45 ± 20%
7.96
600ENS-8085 Z
3.3 ± 6%
44 ± 20%
7.96
600ENS-8086 Z
3.9 ± 6%
44 ± 20%
7.96
600ENS-8087 Z
4.7 ± 6%
45 ± 20%
7.96
600ENS-8088 Z
5.6 ± 6%
45 ± 20%
7.96
600ENS-8089 Z
6.8 ± 6%
44 ± 20%
7.96
600ENS-8090 Z
8.2 ± 6%
47 ± 20%
7.96
600ENS-8091 Z
10.0 ± 6%
38 ± 20%
2.52
600ENS-8092 Z
12.0 ± 6%
40 ± 20%
2.52
600ENS-8093 Z
15.0 ± 6%
44 ± 20%
2.52
600ENS-8094 Z
18.0 ± 6%
35 ± 20%
2.52
600ENS-8095 Z
22.0 ± 6%
34 ± 20%
2.52
F600ENS-8096 Z
27.0 ± 6%
33 ± 20%
2.52
F600ENS-8097 Z
33.0 ± 6%
37 ± 20%
2.52
F600ENS-8098 Z
39.0 ± 6%
37 ± 20%
2.52
F600ENS-8099 Z
47.0 ± 6%
36 ± 20%
2.52



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com