Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7KLS Datasheet(PDF) 1 Page - TOKO, Inc

Part # 7KLS
Description  Variable Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7KLS Datasheet(HTML) 1 Page - TOKO, Inc

  7KLS Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
STANDARD COILS SELECTION GUIDE
TYPE 7KLS
TOKO
Inductance
Test
Part
Range
Q
Frequency
Number
(
µH)
(min.)
(MHz)
402ENS-1168Z
1.0±2%
15
7.96
402ENS-1169Z
1.2±2%
15
7.96
402ENS-1170Z
1.5±2%
15
7.96
402ENS-1171Z
1.8±2%
15
7.96
402ENS-1172Z
2.2±2%
15
7.96
402ENS-1173Z
2.7±2%
15
7.96
402ENS-1174Z
3.3±2%
15
7.96
402ENS-1175Z
3.9±2%
15
7.96
402ENS-1176Z
4.7±2%
15
7.96
402ENS-1177Z
5.6±2%
15
7.96
402ENS-1178Z
6.8±2%
15
7.96
402ENS-1179Z
8.2±2%
15
7.96
402ENS-1180Z
10.0±2%
15
2.52
402ENS-1181Z
12.0±2%
15
2.52
7mm TYPE 7KLS
Frequency Range:
2–150MHz
Inductance Range:
0.03-10
µH
Operating Temperature Range:
–25°C-80°C
Temperature Coefficient:
TC (F) 40±600ppm/° (Reference only)
Optional Internal Capacitance Values:
5-1000pF
Features
• Designed for Quadrature Detector coil in FM IF circuit.
• Prepared additional winding area on the coil bobbin for
phase shifter inductor.
TYPE
7KLS
Variable Coils


Similar Part No. - 7KLS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
7KL0641DAHI02 CYPRESS-7KL0641DAHI02 Datasheet
770Kb / 29P
HyperRAM??Self-Refresh DRAM 3.0V/1.8V 64 Mb (8 MB)
7KL0641DAHV02 CYPRESS-7KL0641DAHV02 Datasheet
770Kb / 29P
HyperRAM??Self-Refresh DRAM 3.0V/1.8V 64 Mb (8 MB)
logo
Infineon Technologies A...
7KL0642DPHA02 INFINEON-7KL0642DPHA02 Datasheet
1Mb / 58P
64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
7KL0642DPHB02 INFINEON-7KL0642DPHB02 Datasheet
1Mb / 58P
64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
7KL0642DPHI02 INFINEON-7KL0642DPHI02 Datasheet
1Mb / 58P
64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
More results

Similar Description - 7KLS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
Variable Coils
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
Variable Coils
7KLL TOKO-7KLL Datasheet
41Kb / 3P
Variable Coils
7KMM TOKO-7KMM Datasheet
31Kb / 2P
Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
VARIABLE COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com