Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7PL Datasheet(PDF) 1 Page - TOKO, Inc

Part # 7PL
Description  Variable Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

7PL Datasheet(HTML) 1 Page - TOKO, Inc

  7PL Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
67
7mm TYPE 7PL
Frequency Range: 200kHz-2MHz
2-20MHz (High Frequency)
Inductance Range: 20–500
µH
1-100
µH (High Frequency)
Temperature Coefficient: Inductor TC (L) 750±500ppm/°C
TC (L) 220±220ppm/°C (High Frequency)
With Internal Capacitor TC (F) 0±250ppm/°C
Optional Internal Capacitance Value: 150-390pF
5~100pF (High Frequency)
Features
• Low profile, for a 7mm coil of only 9.2mm.
• Types 7PS for AM circuit application, and 7PS (high frequency)
for FM circuit applications, are ideal for use as IFT coils and in
OSC circuits.
STANDARD COILS SELECTION GUIDE
TYPE 7PL
TOKO
Inductance
Part
Range
Q
Test
Number
(
µH)
(min.)
Frequency
L7BRS-1764Z
56±5%
40
2.52MHz
L7BRS-1765Z
100±5%
73
796kHz
L7BRS-1766Z
150±5%
81
796kHz
L7BRS-1767Z
220±5%
80
796kHz
L7BRS-1768Z
270±5%
82
796kHz
L7BRS-1769Z
330±5%
82
796kHz
L7BRS-1770Z
390±5%
78
796kHz
TYPE 7PL High Frequency
TOKO
Inductance
Part
Range
Q
Test
Number
(
µH)
(min.)
Frequency
218ANS-1083Z
2.0±4%
72
7.96MHz
218ANS-1084Z
3.3±4%
69
7.96MHz
218ANS-1085Z
4.7±4%
70
7.96MHz
218ANS-1086Z
6.8±4%
73
7.96MHz
218ANS-1087Z
10.0±4%
69
2.52MHz
218ANS-1088Z
15.0±4%
70
2.52MHz
218ANS-1089Z
18.0±4%
70
2.52MHz
TYPE
7PL
Variable Coils
Unit: mm


Similar Description - 7PL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
Variable Coils
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
Variable Coils
7KLL TOKO-7KLL Datasheet
41Kb / 3P
Variable Coils
7KMM TOKO-7KMM Datasheet
31Kb / 2P
Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
Variable Coils
logo
Central Technologies
CTCLNSF CT-CTCLNSF Datasheet
262Kb / 1P
Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
VARIABLE COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com