Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13482E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13482E
Description  ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13482E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13482E Datasheet HTML 1Page - Maxim Integrated Products MAX13482E Datasheet HTML 2Page - Maxim Integrated Products MAX13482E Datasheet HTML 3Page - Maxim Integrated Products MAX13482E Datasheet HTML 4Page - Maxim Integrated Products MAX13482E Datasheet HTML 5Page - Maxim Integrated Products MAX13482E Datasheet HTML 6Page - Maxim Integrated Products MAX13482E Datasheet HTML 7Page - Maxim Integrated Products MAX13482E Datasheet HTML 8Page - Maxim Integrated Products MAX13482E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
±15kV ESD-Protected USB Transceivers with
External/Internal Pullup Resistors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +4V to +5.5V, VL = +1.6V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V, VL = +2.5V,
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted.)
VBUS, VL, ..................................................................-0.3V to +7V
VTRM, VPUR, VPU.....................................-0.3V to (VBUS + 0.3V)
Input Voltage (D+, D-) ..............................................-0.3V to +7V
VM, VP, SUS, RCV,
ENUM, BD, OE, ............-0.3V to (VL + 0.3V)
Short-Circuit Current to VCC or GND (D+, D-)… ........... ±150mA
Maximum Continuous Current (all other pins) ..................±15mA
Continuous Power Dissipation (TA = +70
°C)
16-Pin, 3mm x 3mm TQFN (derate 15.6mW/
°C above
+70
°C).......................................................................1250mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY INPUTS (VBUS, VTRM, VL)
VBUS Input Range
VBUS
4.0
5.5
V
VL Input Range
VL
1.6
3.6
V
Regulated Supply-Voltage Output
VVTRM
3.0
3.3
3.6
V
Operating VCC Supply Current
IVCC
Full-speed transmitting/receiving at
12Mbps, CL = 50pF on D+ and D- (Note 2)
10
mA
Operating VL Supply Current
IVL
Full-speed transmitting/receiving at
12Mbps, CL = 15pF receiver outputs,
VL = 2.5V (Note 2)
2.5
mA
Full-speed idle, VD+ > 2.7V, VD- < 0.3V
250
350
Full-Speed Idle and SE0 Supply
Current
IVCC(IDLE)
SE0: VD+ < 0.3V, VD- < 0.3V
250
350
µA
Static VL Supply Current
IVL(STATIC) Full-speed idle, SE0 or suspend mode
5
µA
Suspend Supply Current
IVCC(SUSP) VM = VP = open, ENUM = SUS = OE = high
35
µA
Disabled-Mode Supply Current
IVCC(DIS)
VL = GND or open
20
µA
Sharing-Mode VL Supply Current
IVL(SHARING)
VBUS = GND or open, OE = low,
VP = low or high, VM = low or high, SUS =
high,
ENUM = high
5µA
Disable-Mode Load Current on
D+ and D-
IDX(DISABLE) VL = GND or open, VD_ = 0 or 5.5V
5
µA
Sharing-Mode Load Current on
D+ and D-
IDX(SHARING) VBUS = GND or open, VD_ = 0 or 5.5V
20
µA
VTH_H
Supply present
3.6
VL
≥ 1.7V
0.8
USB Power-Supply Detection
Threshold
VTH_L
Supply lost
VL < 1.7V
0.7
V
USB Power-Supply Detection
Hysteresis
VHYST
75
mV
VL Supply-Voltage Detection
Threshold
VTH(VL)
0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com