Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1240AL Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LS1240AL
Description  ELECTRONIC TONE RINGER WITH BUILT-IN BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LS1240AL Datasheet(HTML) 4 Page - Unisonic Technologies

  LS1240AL Datasheet HTML 1Page - Unisonic Technologies LS1240AL Datasheet HTML 2Page - Unisonic Technologies LS1240AL Datasheet HTML 3Page - Unisonic Technologies LS1240AL Datasheet HTML 4Page - Unisonic Technologies LS1240AL Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LS1240A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R108-002.I
ABSOLUTE MAXIUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Calling Voltage (f=50Hz) Continuous
VABθ
120
VRMS
Calling Voltage (f=50Hz) (5s ON/10s OFF)
VAB
200
VRMS
Supply Current
IDC
30
mA
Operating Temperature
TOPR
-40 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-8
θ
JA
150
℃/W
DIP-8
100
ELECTRICAL CHARACTERISTICS (T
A= 25
,
℃ unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VS
26
V
Current Consumption without load
IB
VS=9.3 to 25V
1.5
1.8
mA
Activation Voltage
VON
12
13.5
V
Sustaining Voltage
VOFF
7.8
9.3
V
Differential Resistance in OFF Condition
RD
6.4
k
Ω
Output Voltage Swing
VOUT
VS-5
V
Short Circuit Current
IOUT
VS=20V, RL=250Ω
70
mA
AC OPERATION
Output Frequencies (Vs=26V,R1=14k
Ω)
fOUT1
V3=0V
1.55
2.53
kHz
fOUT2
V3=6V
1.08
1.9
Fout1/Fout2
1.33
1.43
Programming Resistor Range
8
56
k
Ω
Sweep Frequency
C1=100nF,R1=14k
Ω
5.25
7.5
9.75
Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com