Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1102BL-30-AF5-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LR1102BL-30-AF5-R
Description  LOW NOISE 150mA LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1102BL-30-AF5-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LR1102BL-30-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1102BL-30-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1102BL-30-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1102BL-30-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1102BL-30-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1102BL-30-AF5-R Datasheet HTML 9Page - Unisonic Technologies LR1102BL-30-AF5-R Datasheet HTML 10Page - Unisonic Technologies LR1102BL-30-AF5-R Datasheet HTML 11Page - Unisonic Technologies LR1102BL-30-AF5-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LR1102
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R502-038,C
TYPICAL CHARACTERISTICS(Cont.)
7. Ripple Rejection vs. Frequency
40
0.1
Frequency, f (kHz)
50
60
LR1102-XX
10
0
100
30
80
10
1
20
70
IOUT = 30mA
IOUT = 1mA
VIN = VOUT+1VDC+0.5Vp-p
COUT = tantalum 1.0μF
40
0.1
Frequency, f (kHz)
50
60
LR1102-XX
10
0
100
30
80
10
1
20
70
IOUT = 30mA
IOUT = 1mA
VIN = VOUT+1VDC + 0.5Vp-p
COUT = tantalum 2.2μF
8. Ripple Rejection vs. Input Voltage (DC bias)
40
3.1
Input Voltage, VIN (V)
50
60
LR1102-3.0V
10
0
3.5
30
80
3.4
3.2
20
70
f = 400Hz
3.3
f = 1kHz
f = 10kHz
40
3.1
Input Voltage, VIN (V)
50
60
LR1102-3.0V
10
0
3.5
30
80
3.4
3.2
20
70
f = 400Hz
3.3
f = 1kHz
f = 10kHz
IOUT = 10mA
COUT = 2.2μF
IOUT = 1mA
COUT = 2.2μF
9. Load Transient Response
3.4
0
Time, t (μs)
3.1
3.3
4
LR1102-3.0V
2.8
10
3.0
8
2.9
3.2
14
16
20
-150
-100
-50
0
50
100
150
2
612
18
VIN = 4V
CIN = Tantalun 1μF
COUT =Tantalum 4.7μF
Output Voltage
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com