Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13487E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13487E
Description  Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13487E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13487E Datasheet HTML 1Page - Maxim Integrated Products MAX13487E Datasheet HTML 2Page - Maxim Integrated Products MAX13487E Datasheet HTML 3Page - Maxim Integrated Products MAX13487E Datasheet HTML 4Page - Maxim Integrated Products MAX13487E Datasheet HTML 5Page - Maxim Integrated Products MAX13487E Datasheet HTML 6Page - Maxim Integrated Products MAX13487E Datasheet HTML 7Page - Maxim Integrated Products MAX13487E Datasheet HTML 8Page - Maxim Integrated Products MAX13487E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Half-Duplex RS-485-/RS-422-Compatible
Transceiver with AutoDirection Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
Supply Voltage VCC ...............................................................+6V
SHDN, RE, DI..............................................................-0.3V to +6
A, B........................................................................... -8V to +13V
Short-Circuit Duration (RO, A, B) to GND ..................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering 10s) ..................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
RDIFF = 100
Ω, Figure 1
2.0
VCC
RDIFF = 54
Ω, Figure 1
1.5
Differential Driver Output
VOD
No load
VCC
V
Driver Common-Mode Output
Voltage
VOC
RL = 100
Ω or 54Ω, Figure 1
VCC / 2
3V
Driver Disable Threshold
VDT
Figure 2 (Note 2)
+0.6
+1
V
Input-High Voltage
VIH
DI, SHDN, RE
2.0
V
Input-Low Voltage
VIL
DI, SHDN, RE
0.8
V
Input Current
IIN
DI, SHDN, RE
±1
µA
0V
≤ VOUT ≤ +12V
+50
+250
Driver Short-Circuit Output
Current
(Note 3)
IOSD
-7V
≤ VOUT ≤ 0V
-250
-50
mA
(VCC - 1V)
≤ VOUT ≤ +12V
20
mA
Driver Short-Circuit Foldback
Output Current (Note 3)
IOSDF
-7V
≤ VOUT ≤ 0V
-20
RECEIVER
VIN = +12V
250
Input Current
(A and B)
IA, B
DI = VCC, VCC
= GND or +5V
VIN = -7V
-200
µA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ +12V
-200
+200
mV
Receiver Input Hysteresis
∆VTH
VA + VB = 0V
25
mV
Output-High Voltage
VOH
IO = -1.6mA, VA - VB > VTH
VCC -
1.5
V
Output-Low Voltage
VOL
IO = 1mA, VA - VB < -VTH
0.4
V
Tri-State Output Current at
Receiver
IOZR
0V
≤ VO ≤ VCC
±1
µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ +12V
48
k
Ω
Receiver Output Short-Circuit
Current
IOSR
0V
≤ VRO ≤ VCC
±7
±95
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com