Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDD660 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SDD660
Description  SDD660 STANDARD RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SDD660 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SDD660 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SDD660 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SDD660 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Data Sheet N1653, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SDD660
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions DPAK
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
2.20
2.40
0.087
0.094
A1
0.00
0.127
0.000
0.005
b
0.66
0.86
0.026
0.034
c
0.46
0.60
0.018
0.024
D
6.50
6.70
0.256
0.264
D1
5.13
5.46
0.202
0.215
D2
4.83 REF.
0.190 REF.
E
6.00
6.20
0.236
0.244
e
2.186
2.386
0.086
0.094
L
9.70
10.40
0.381
0.409
L1
2.90 REF.
0.144 REF.
L2
1.40
1.70
0.055
0.067
L3
1.60 REF.
0.063 REF.
L4
0.60
1.00
0.024
0.039
Φ
1.10
1.30
0.043
0.051
Θ
0°
8°
0°
8°
h
0.00
0.30
0.000
0.012
V
5.35 REF.
0.211 REF.
Ordering Information
Marking Diagram
Device
Package
Shipping
SDD660
DPAK
(Pb-Free)
2500pcs / reel
Carrier Tape Specification DPAK
SYMBOL
Millimeters
Min.
Max.
A
6.80
7.00
B
10.40
10.60
C
2.60
2.80
d
Φ1.45
Φ1.65
E
1.65
1.85
F
7.40
7.60
P0
3.90
4.10
P
7.90
8.10
P1
1.90
2.10
W
15.90
16.30
Where XXXXX is YYWWL
SDD660
= Part Name
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com